Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27-C33A Datasheet(PDF) 4 Page - EIC discrete Semiconductors

Part # BZD27-C33A
Description  VOLTAGE REGULATOR DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZD27-C33A Datasheet(HTML) 4 Page - EIC discrete Semiconductors

  BZD27-C33A Datasheet HTML 1Page - EIC discrete Semiconductors BZD27-C33A Datasheet HTML 2Page - EIC discrete Semiconductors BZD27-C33A Datasheet HTML 3Page - EIC discrete Semiconductors BZD27-C33A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig.1 - Maximum total power dissipation
Fig.2 - Maximum total power dissipation
as a function of temperature.
as a function of temperature.
0
100
200
0
100
200
Types : BZD27-C3V6A to BZD27-C6V8A
Types : BZD27-C7V5A to BZD27-C510A
Solid line: tie-point temperature
Solid line: tie-point temperature
Dotted line: ambient temperature
Dotted line: ambient temperature
Fig. 3 - Forward current as a function of forward
Fig.4 - Non-Repetitive peak reverse current
voltage; typical values.
pulse definition
0
1
2
Fig.5 - Maximum non-repetitive peak reverse
power dissipation as a function of pulse
duration (square pulse).
Page 4 of 4
Rev. 00 : February 13, 2008
RATING AND CHARACTERISTIC CURVES ( BZD27-CxxA Series )
2
1
Ptot
(W)
0
3
T, (°C)
10
50
90
100
t
IRSM
(%)
t1
t2
t1 = 10 µs
t2 = 1000 µs
2
1
0
3
T, (°C)
2
1
0
IF (A)
VF (V)
tp (ms)
PZSM
(W)
104
103
102
10
10-2
10-1
110
Tj= 25 °C prior to surge.
Ptot
(W)
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - BZD27-C33A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZD27-C33 PHILIPS-BZD27-C33 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27-C330 PHILIPS-BZD27-C330 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
logo
Vishay Siliconix
BZD27-C33P VISHAY-BZD27-C33P Datasheet
35Kb / 4P
   Zener Diodes
06-May-02
More results

Similar Description - BZD27-C33A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com