Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPLCFL5U Datasheet(PDF) 3 Page - International Rectifier

Part # IRPLCFL5U
Description  CFL Ballast for 26W/Spiral Lamp, 120VAC Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLCFL5U Datasheet(HTML) 3 Page - International Rectifier

  IRPLCFL5U Datasheet HTML 1Page - International Rectifier IRPLCFL5U Datasheet HTML 2Page - International Rectifier IRPLCFL5U Datasheet HTML 3Page - International Rectifier IRPLCFL5U Datasheet HTML 4Page - International Rectifier IRPLCFL5U Datasheet HTML 5Page - International Rectifier IRPLCFL5U Datasheet HTML 6Page - International Rectifier IRPLCFL5U Datasheet HTML 7Page - International Rectifier IRPLCFL5U Datasheet HTML 8Page - International Rectifier IRPLCFL5U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IRPLCFL5U
www.irf.com
3
(ZVS) and non-ZVS protection, as well as integrated bootstrap diode. The IC protects against non-
ZVS by automatically setting the frequency to ensure ZVS. The IC will eventually shut-down if the
non-ZVS condition cannot be achieved.
One of the biggest advantages of the IR2520D is that it incorporates an internal current crest factor
driven shutdown function and it eliminates the need for a high-precision current sensing resistor
that is typically used to detect over current. The IC uses the VS pin and the RDSon of the low-side
half-bridge MOSFET for over-current protection and to detect non-ZVS conditions. An internal 600V
FET connects the VS pin to the VS sensing circuitry and allows for the VS pin to be accurately
measured during the time when pin LO is high, while withstanding the high DC bus voltage during
the other portion of the switching cycle when the high-side FET is turned on and VS is at the DC bus
potential. Please refer to the IR2520D data sheet for further information on the IR2520D including
electrical parameters, state diagram and complete functional description. As a result of the IR2520D
features, the IRPLCFL5U circuit using the IR2520D is a complete CFL solution that offers better
reliability and longer lamp life than self oscillating solutions while reducing component count and
ballast size.
5. Circuit Description
The schematic for IRPLCFL5U is shown in figure 5.1. The BOM with the components values is
shown in table 5.2.
The ballast incorporates a fuse, EMI filter, input rectifier, bus capacitor, half-bridge, control and
output stage. The output stage is the classical resonant circuit consisting of an inductor, LRES, and
a capacitor, CRES. The circuit is built around the IR2520D Ballast Control IC. The IR2520D pro-
vides adjustable preheat time, adjustable run frequency to set the lamp power, high starting fre-
quency (about 2.5 times fmin) to avoid lamp flash, capacitive mode protection for open filament
condition and current crest factor protection for failure to strike or no lamp conditions.
The AC line input voltage is rectified to provide a bus voltage of approximately 300 volts. The start
up resistors, Rsupply1 and Rsupply2, are sized such that they can supply the micro-power current
during under-voltage lockout (UVLO). When VCC exceeds the UVLO+ threshold, the IR2520D
begins to oscillate and the charge pump circuit (CSNUB, DCP1 and DCP2) supplies the current to
VCC that causes the internal 15.6V zener clamp to regulate.
The IR2520D Ballast Control IC controls the frequency of the half-bridge as well as the ballast
states and protection modes such as lamp preheat, lamp ignition, running mode, low AC line
protection and lamp/ballast fault protection.


Similar Part No. - IRPLCFL5U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 220VAC Input
More results

Similar Description - IRPLCFL5U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 220VAC Input
logo
STMicroelectronics
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
   20 W dimmable CFL ballast solution
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
logo
International Rectifier
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V Datasheet
2Mb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
FAN7387V FAIRCHILD-FAN7387V_12 Datasheet
1,018Kb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
logo
Texas Instruments
UC1872 TI-UC1872 Datasheet
190Kb / 7P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com