Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCI-6517 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPCI-6517
Description  Low-Cost Industrial Digital I/O-30 V, Bank Isolated
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6517 Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPCI-6517 Datasheet HTML 1Page - National Instruments Corporation NIPCI-6517 Datasheet HTML 2Page - National Instruments Corporation NIPCI-6517 Datasheet HTML 3Page - National Instruments Corporation NIPCI-6517 Datasheet HTML 4Page - National Instruments Corporation NIPCI-6517 Datasheet HTML 5Page - National Instruments Corporation NIPCI-6517 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Connect Sensors Directly with Isolation
Isolation is a form of built-in signal conditioning that provides several
advantages, such as an extended voltage range and direct connection
to industrial sensors and actuators. Isolation also improves signal quality
and protects computer circuitry. It physically and electrically separates
two parts of a circuit, which breaks ground loops, improves common-mode
voltage and noise rejection, and permits the two parts of the circuit to be
at different voltage levels. Many industrial applications require isolation
to protect the electronics from transient voltage spikes and provide greater
common-mode noise rejection in electrically noisy environments containing
machinery and inductive loads. In bank-to-bank isolated devices, such as an
NI 651x, each bank (or group) of several channels shares the same ground
but is isolated from other banks.
Glitch-Free Startup with Programmable
Power-Up States
With programmable power-up states, you can configure the initial output
states of the digital I/O device in software to ensure glitch-free operations
when connected to industrial actuators such as pumps, valves, motors,
and relays. The digital I/O device holds these I/O states after receiving
power, so your computer can boot and your software application can
begin running. Programmable power-up states are glitch-free, meaning
the outputs never go through an incorrect state during power up.
You can configure each digital line as high-output or low-output. The
digital I/O device stores the settings in onboard nonvolatile memory and
implements the power-up states automatically after power is applied to
the device.
Detect and Recover with Digital I/O Watchdogs
NI digital I/O watchdogs provide protection against a wide variety
of fault conditions:
• Computer crash – total OS crash
• Application crash – software application ceases to respond
• Driver crash – device driver ceases to respond
• PCI bus failure – communications cease to respond
Low-Cost Industrial Digital I/O – 30 V, Bank Isolated
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
MiniMITE 1
FPGA
Voltage
Voltage
Oscillator
Flash
CPLD
Photocouplers
Photocouplers
Darlington Arrays
Figure 1. NI 651x Hardware Block Diagram
50
100
49
99
48
98
47
97
46
96
45
95
44
94
43
93
42
92
41
91
40
90
39
89
38
88
37
87
36
86
35
85
34
84
33
83
32
82
31
81
30
80
29
79
28
78
27
77
26
76
25
75
24
74
23
73
22
72
21
71
20
70
19
69
18
68
17
67
16
66
15
65
14
64
13
63
12
62
11
61
10
60
959
858
757
656
555
454
353
252
151
P6.+5V
P6.GND
P6.GND
P6.GND
P6.COM (P6.VCC)
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
P4.GND
P4.GND
P4.GND
P4.COM (P4.VCC)
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
NC
P2.GND
P2.GND
P2.GND
P2.COM (P2.VCC)
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
P0.GND
P0.GND
P0.GND
P0.COM (P0.VCC)
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
P7.+5V
P7.GND
P7.GND
P7.GND
P7.COM (P7.VCC)
P7.7
P7.6
P7.5
P7.4
P7.3
P7.2
P7.1
P7.0
P5.GND
P5.GND
P5.GND
P5.COM (P5.VCC)
P5.7
P5.6
P5.5
P5.4
P5.3
P5.2
P5.1
P5.0
NC
P3.GND
P3.GND
P3.GND
P3.COM (P3.VCC)
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
P1.GND
P1.GND
P1.GND
P1.COM (P1.VCC)
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
P6.+5V
P6.VCC
P6.VCC
P6.VCC
P6.COM (P6.GND)
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
P4.VCC
P4.VCC
P4.VCC
P4.COM (P4.GND)
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
NC
P2.COM
P2.COM
P2.COM
P2.COM
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
P0.COM
P0.COM
P0.COM
P0.COM
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
P7.+5V
P7.VCC
P7.VCC
P7.VCC
P7.COM (P7.GND)
P7.7
P7.6
P7.5
P7.4
P7.3
P7.2
P7.1
P7.0
P5.VCC
P5.VCC
P5.VCC
P5.COM (P5.GND)
P5.7
P5.6
P5.5
P5.4
P5.3
P5.2
P5.1
P5.0
NC
P3.COM
P3.COM
P3.COM
P3.COM
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
P1.COM
P1.COM
P1.COM
P1.COM
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
50
100
49
99
48
98
47
97
46
96
45
95
44
94
43
93
42
92
41
91
40
90
39
89
38
88
37
87
36
86
35
85
34
84
33
83
32
82
31
81
30
80
29
79
28
78
27
77
26
76
25
75
24
74
23
73
22
72
21
71
20
70
19
69
18
68
17
67
16
66
15
65
14
64
13
63
12
62
11
61
10
60
959
858
757
656
555
454
353
252
151
P6.+5V
P6.VCC
P6.VCC
P6.VCC
P6.COM (P6.GND)
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
P4.VCC
P4.VCC
P4.VCC
P4.COM (P4.GND)
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
NC
P2.VCC
P2.VCC
P2.VCC
P2.COM (P2.GND)
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
P0.VCC
P0.VCC
P0.VCC
P0.COM (P0.GND)
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
P7.+5V
P7.VCC
P7.VCC
P7.VCC
P7.COM (P7.GND)
P7.7
P7.6
P7.5
P7.4
P7.3
P7.2
P7.1
P7.0
P5.VCC
P5.VCC
P5.VCC
P5.COM (P5.GND)
P5.7
P5.6
P5.5
P5.4
P5.3
P5.2
P5.1
P5.0
NC
P3.VCC
P3.VCC
P3.VCC
P3.COM (P3.GND)
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
P1.VCC
P1.VCC
P1.VCC
P1.COM (P1.GND)
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
P0.0
P0.2
P0.4
P0.6
COM
P1.1
P1.3
P1.5
P1.7
P2.0
P2.2
P2.4
P2.6
COM
P3.1
P3.3
P3.5
P3.7
COM
P0.1
P0.3
P0.5
P0.7
P1.0
P1.2
P1.4
P1.6
COM
P2.1
P2.3
P2.5
P2.7
P3.0
P3.2
P3.4
P3.6
COM
50
100
49
99
48
98
47
97
46
96
45
95
44
94
43
93
42
92
41
91
40
90
39
89
38
88
37
87
36
86
35
85
34
84
33
83
32
82
31
81
30
80
29
79
28
78
27
77
26
76
25
75
24
74
23
73
22
72
21
71
20
70
19
69
18
68
17
67
16
66
15
65
14
64
13
63
12
62
11
61
10
60
959
858
757
656
555
454
353
252
151
NC
P6.COM
P6.COM
P6.COM
P6.COM
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
P4.COM
P4.COM
P4.COM
P4.COM
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
NC
P2.COM
P2.COM
P2.COM
P2.COM
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
P0.COM
P0.COM
P0.COM
P0.COM
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
NC
P7.COM
P7.COM
P7.COM
P7.COM
P7.7
P7.6
P7.5
P7.4
P7.3
P7.2
P7.1
P7.0
P5.COM
P5.COM
P5.COM
P5.COM
P5.7
P5.6
P5.5
P5.4
P5.3
P5.2
P5.1
P5.0
NC
P3.COM
P3.COM
P3.COM
P3.COM
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
P1.COM
P1.COM
P1.COM
P1.COM
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
Figure 2. NI 6510, NI 6511, NI 6512, NI 6513, and NI 6514 Connectors
NI 6510
NI 6511
NI 6512
NI 6513
NI 6514


Similar Part No. - NIPCI-6517

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-6509 NI-NIPCI-6509 Datasheet
229Kb / 5P
   Low-Cost Industrial Digital I/O-5 V TTL/CMOS
NIPCI-6520 NI-NIPCI-6520 Datasheet
528Kb / 5P
   Low-Cost Industrial Digital60 V, Channel-to-Channel Isolated
NIPCI-6521 NI-NIPCI-6521 Datasheet
245Kb / 5P
   Low-Cost Industrial Digital I/O - 150 V
NIPCI-6528 NI-NIPCI-6528 Datasheet
664Kb / 5P
   24 or 48 channel-to-channel optically isolated inputs and solid-state relay outputs
NIPCI-6534 NI-NIPCI-6534 Datasheet
35Kb / 2P
   High-Speed 32-bit Digital Pattern I/O and Handshaking
More results

Similar Description - NIPCI-6517

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6521 NI-NI6521 Datasheet
245Kb / 5P
   Low-Cost Industrial Digital I/O - 150 V
PXI-6509 NI-PXI-6509 Datasheet
229Kb / 5P
   Low-Cost Industrial Digital I/O-5 V TTL/CMOS
logo
Analog Devices
6B50-2 AD-6B50-2_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
6B50-1 AD-6B50-1 Datasheet
488Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
logo
List of Unclassifed Man...
USB-7230 ETC2-USB-7230 Datasheet
242Kb / 2P
   Isolated USB Digital I/O Modules
logo
National Instruments Co...
777810-01 NI-777810-01 Datasheet
382Kb / 9P
   48-Bit Isolated Digital I/O
logo
Analog Devices
6B50-1 AD-6B50-1_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
logo
Maxim Integrated Produc...
MAX22000EVKIT MAXIM-MAX22000EVKIT Datasheet
2Mb / 30P
   Includes MAX14914A Industrial Digital I/O
Rev 0; 5/20
logo
National Instruments Co...
NIPCI-6520 NI-NIPCI-6520 Datasheet
528Kb / 5P
   Low-Cost Industrial Digital60 V, Channel-to-Channel Isolated
logo
Adlink Technology Inc.
CPCI-7432 ADLINK-CPCI-7432 Datasheet
208Kb / 1P
   64-CH Isolated Digital I/O Cards
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com