Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXI-4204 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPXI-4204
Description  DAQ for High-Voltage Measurements 16-Bit, 200 kS/s, 8 Analog Inputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-4204 Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPXI-4204 Datasheet HTML 1Page - National Instruments Corporation NIPXI-4204 Datasheet HTML 2Page - National Instruments Corporation NIPXI-4204 Datasheet HTML 3Page - National Instruments Corporation NIPXI-4204 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DAQ for High-Voltage Measurements
16-Bit, 200 kS/s, 8 Analog Inputs
2 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Complete Accuracy Tables
Input Characteristics
Note: Accuracies are valid for measurements following an internal calibration.
Averaged numbers assume dithering and averaging of 100 single-channel
readings. Measurement accuracies are listed for operational temperatures within
±1°C of internal calibration temperature and ±10°C of external or factory
calibration temperature.
Number of Channels
Input signal ranges..................................... see accuracy tables
Resolution .................................................. 16 bits, 1 in 65,536
Sampling Rate
Maximum Sampling Rate .......................... 200 kS/s aggregate multi-channel
Overvoltage protection
Inputs with overvoltage protection ............ CH<0..7>
Input coupling ............................................ DC
Data transfers ............................................ DMA, interrupts, programmed I/O
Transfer Characteristics
Nonlinearity
DNL
Gain Error ................................................... See Accuracy Table
Offset Error ................................................ See Accuracy Table**
Amplifier Characteristics
Input Impedance
NMR (60 Hz)
CMRR
Filter Characteristics
Filter Type .................................................. 6 Hz or 10 kHz, 2-pole, Butterworth
Stability
Triggers
Digital Triggers
Number of triggers ............................... 2
Purpose ................................................ Start & stop trigger, gate, clock
Source .................................................. PFI0/TRIG1 (front SMB connector),
PXI_TRIG_0…PXI_TRIG_6
(PXI trigger bus)
Slope .......................................................... Positive or negative; software
selectable
Compatibility......................................... 5V/TTL
Response.............................................. Rising or falling edge
Pulse width........................................... 10 ns minimum
Impedance............................................ 10 kOhm
Coupling................................................ DC
PXI Trigger Bus
Trigger lines .......................................... 6
Star trigger............................................ 1
Bus Interface
PXI……….……………………….Master, slave
Power Requirements
Calibration
Recommended warm-up time ............. 15 minutes
External calibration interval................... 1 year
Onboard calibration reference
Level................................................ 5.000V +/- 1mV
Temperature coefficient .................. + 0.6 ppm/oC
Long-term stability .......................... 6 ppm/Sqrt(1000h)
Physical
Dimensions (not including
connectors).......................................... 16.0 by 10.0 cm by 2.0 cm
(6.3 x 3.9 x 0.79 in)
Analog input signal connector.................. 16 x 1 minicombicon, 3.81 mm pitch
Analog input signal mating connector ..... 16 x 1 minicombicon, 3.81 mm pitch,
28-16 AWG signal wire
**Gain Error = Actual Input Voltage
* % of Reading
Specifications – PXI-4204
PXI-4204
8 differential
Max per channel (scanning all channels)
Module
Single Channel
Scan Rate w/SSH*
Scan Rate w/o SSH*
PXI-4204
333 kS/s
20 kS/s/ch
25 kS/s/ch
*SSH = Simultaneous Sample and Hold
Connector
Powered On
Powered Off
Screw Terminals
± 100 VDC
± 100 VDC
SMB Connector
± 15 V
± 15 V
Range
Percent of Full Scale (Typical)
± 100 V
0.02%
Other Ranges
0.01%
± 100 V, SSH Enabled
0.06%
Other Ranges, SSH Enabled
0.02%
Module
Typical
Maximum
PXI-4204
± 0.5 LSB
± 1 LSB
Module
Input Configuration
Normal Powered On
Powered Off
PXI-4204
Differential Input
2 M
2M
Single-Ended
1 M
1M
PXI-4204
40 dB @ 6 Hz filter setting
Module
Input Frequency Ranges
CMRR
PXI-4204
DC to 60 Hz
>60 dB
PXI-4204
100 Hz to 10 kHz
>40 dB
Module
Input Range
Gain Temperature Coefficient
Offset Temperature Coefficient
PXI-4204
± 100 V
± 25 ppm/C
o
± 385 uV/C
o
Module
5 VDC (±5%)
PXI-4204
1 A
SSH Disabled
Absolute Accuracy
Absolute Accuracy
Percent Error
Nominal Range (V)
% of Reading
Offset
Noise + Quantization (mV)
Temp
at Full Scale
at Full Scale
Positive FS
Negative FS
24 Hrs
1 Year
(mV)
Single Pt.
Averaged
Drift (%/°C)
(mV)
(%)
100
-100
0.063
0.070
± 16.8
± 9.34
± 0.92
0.0027
88
0.088
50
-50
0.031
0.038
± 10.4
± 4.68
± 0.57
0.0025
30
0.060
5-5
0.061
0.068
± 4.7
± 0.69
± 0.40
0.0027
8.5
0.17
0.5
-0.5
0.061
0.068
± 4.1
± 0.49
± 0.40
0.0027
4.8
0.97
SSH Enabled
Absolute Accuracy
Absolute Accuracy
Percent Error
Nominal Range (V)
% of Reading
Offset
Noise + Quantization (mV)
Temp
at Full Scale
at Full Scale
Positive FS
Negative FS
24 Hrs
1 Year
(mV)
Single Pt.
Averaged
Drift (%/°C)
(mV)
(%)
100
-100
0.085
0.090
± 19.0
± 9.35
± 1.02
0.0027
110
0.110
50
-50
0.035
0.042
± 12.6
± 4.70
± 0.73
0.0025
34
0.069
5-5
0.063
0.070
± 6.8
± 0.82
± 0.60
0.0027
11
0.22
0.5
-0.5
0.063
0.070
± 6.3
± 0.66
± 0.60
0.0027
7.2
1.4


Similar Part No. - NIPXI-4204

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-4022 NI-NIPXI-4022 Datasheet
317Kb / 3P
   6-Wire Guard and Current Amplifier
NIPXI-4060 NI-NIPXI-4060 Datasheet
110Kb / 4P
   51?? Digit Multimeters
NIPXI-4065 NI-NIPXI-4065 Datasheet
427Kb / 6P
   Low-Cost 6 1⁄2-Digit Multimeters
NIPXI-4070 NI-NIPXI-4070 Datasheet
320Kb / 4P
   61??-Digit Digital Multimeters and 1.8 MS/s Isolated Digitizers
NIPXI-4071 NI-NIPXI-4071 Datasheet
240Kb / 9P
   71.2-Digit, 26-Bit, 1000 V Digital Multimeter and 1.8 MS/s Isolated Digitizer
More results

Similar Description - NIPXI-4204

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
logo
Advantech Co., Ltd.
USB-4716-AE ADVANTECH-USB-4716-AE Datasheet
161Kb / 1P
   200 kS/s, 16-bit, 16-ch Multifunction DAQ USB Module
USB-4716 ADVANTECH-USB-4716 Datasheet
296Kb / 1P
   200 kS/s, 16-Bit, 16-Ch Multifunction DAQ USB Module
16-Dec-2021
logo
List of Unclassifed Man...
PXI-2020 ETC2-PXI-2020 Datasheet
249Kb / 2P
   8/16-CH 16-Bit 250 KS/s Simultaneous Sampling DAQ Cards
USB-1901 ETC2-USB-1901 Datasheet
249Kb / 2P
   8/16-CH 16-Bit 250 kS/s Multi-Function USB DAQ Modules
logo
Advantech Co., Ltd.
PCI-1716 ADVANTECH-PCI-1716_15 Datasheet
223Kb / 1P
   250 kS/s, 16-bit, 16-ch PCI Multifunction DAQ Card
PCIE-1816 ADVANTECH-PCIE-1816_V01 Datasheet
409Kb / 1P
   500 KS/s, 16-Bit, 16-Ch PCI Express Multifunction DAQ Card
27-Jun-2018
USB-4711A ADVANTECH-USB-4711A_15 Datasheet
159Kb / 1P
   150 kS/s, 12-bit, 16-ch Multifunction DAQ USB Module
USB-4702-AE ADVANTECH-USB-4702-AE Datasheet
196Kb / 1P
   10 kS/s, 12-bit, 8-ch Multifunction DAQ USB Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com