Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI6517 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # NI6517
Description  Low-Cost Industrial Digital I/O-30 V, Bank Isolated
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI6517 Datasheet(HTML) 5 Page - National Instruments Corporation

  NI6517 Datasheet HTML 1Page - National Instruments Corporation NI6517 Datasheet HTML 2Page - National Instruments Corporation NI6517 Datasheet HTML 3Page - National Instruments Corporation NI6517 Datasheet HTML 4Page - National Instruments Corporation NI6517 Datasheet HTML 5Page - National Instruments Corporation NI6517 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications
These specifications are typical at 25 °C, unless otherwise noted.
Digital I/O
Number of channels............................
32 or 64, optically isolated
Power-on state....................................
0 (open), default;
user-programmable to 0 or 1
Data transfers .....................................
Interrupts, programmed I/O
I/O connector ......................................
100-pin keyed female SCSI
connector or 37-pin male
D-Sub connector
Isolated Inputs
Number of input lines .........................
0, 16, 32, or 64 bidirectional, each
bank with its own ground reference
isolated from other banks
Bank isolated inputs ...........................
8, 16, or 32 lines per bank
Maximum input voltage......................
30 VDC
Input current
11 V inputs......................................
4.5 mA/line, maximum
30 V inputs......................................
12.5 mA/line, maximum
Propagation delay ...............................
75 µs, typical
Isolated Outputs
Number of lines ..................................
0, 16, 32, or 64, each bank with
its own ground reference isolated
from other banks
Bank isolated outputs .........................
8, 16, or 32 lines per bank
Maximum switching voltage ..............
30 VDC
Maximum switching capacity
NI 6512, NI 6514, NI 6516, NI 6518 ...
350 mA (75 mA)
NI 6513, NI 6515, NI 6517, NI 6519 ...
500 mA (120 mA)
Pin 50/Pin 100 (at +5 V) ......................
200 mA, maximum
(only on 100-pin devices)
Propagation delay ...............................
80 µs, typical with 100
Ω load
Power Requirements
+5 VDC (±5%)......................................
150 mA
+3.3 VDC (±5%)...................................
300 mA, typical;
500 mA, maximum
Power available at I/O connector
Voltage............................................
+4.3 to +6.3 VDC
Current ............................................
20 mA/port, typical
Note: The power at the I/O connector is derived from the output Vcc
(user-provided). The output Vcc must be greater than 10 VDC to ensure
that the output voltage is in the range of +4.3 to +6.3 VDC.
Physical
Dimensions
PCI ...................................................
14.1 by 11.4 cm (5.54 by 4.47 in.)
PXI ...................................................
10.0 by 16 cm (3.9 by 6.3 in.)
Environment
Operating temperature .......................
0 to 55 °C
The following table lists the derated current values (100% duty cycle).
Storage temperature...........................
-20 to 70 °C
Relative humidity ................................
10 to 90% noncondensing
Maximum altitude...............................
2,000 m
Note: The NI 651x devices are intended for indoor use only.
Safety
This product is designed to meet the requirements of the following
standards of safety for electrical equipment for measurement, control,
and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 61010-1, CSA 61010-1
Note: For UL and other safety certifications, refer to the product label or
visit ni.com/certification, search by model number or product line, and
click the appropriate link in the Certification column.
Electromagnetic Compatibility
This product meets the requirements of the following EMC standards
for electrical equipment for measurement, control, and laboratory use:
• EN 61326 (IEC 61326): Class A emissions; Basic immunity
• EN 55011 (CISPR 11): Group 1, Class A emissions
• AS/NZS CISPR 11: Group 1, Class A emissions
• FCC 47 CFR Part 15B: Class A
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
• 2006/95/EC; Low-Voltage Directive (safety)
• 2004/108/EC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Low-Cost Industrial Digital I/O – 30 V, Bank Isolated
5
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Level
Min
Max
Input logic low-voltage (VIL)
0 VDC
±4 VDC
Input logic high-voltage (VIH)
±11 VDC
±30 VDC
NI 6512, 6514
NI 6512, 6514,
NI 6513, 6515,
NI 6513, 6515,
Ambient
6516, 6518
6516, 6518
6517, 6519
6517, 6519
Temperature
All Lines
One Line per Port
All Lines
One Line per Port
Up to 25 °C
75 mA
350 mA
125 mA
475 mA
Up to 35 °C
65 mA
350 mA
125 mA
425 mA
Up to 45 °C
55 mA
350 mA
115 mA
375 mA
Up to 55 °C
50 mA
300 mA
100 mA
325 mA


Similar Part No. - NI6517

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6509 NI-NI6509 Datasheet
229Kb / 5P
   Low-Cost Industrial Digital I/O-5 V TTL/CMOS
NI6521 NI-NI6521 Datasheet
245Kb / 5P
   Low-Cost Industrial Digital I/O - 150 V
NI6528 NI-NI6528 Datasheet
664Kb / 5P
   Industrial Digital Input/Output- 60 V, Channel-to-Channel Isolated
NI6533 NI-NI6533 Datasheet
35Kb / 2P
   High-Speed 32-bit Digital Pattern I/O and Handshaking
NI6534 NI-NI6534 Datasheet
35Kb / 2P
   High-Speed 32-bit Digital Pattern I/O and Handshaking
More results

Similar Description - NI6517

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6521 NI-NI6521 Datasheet
245Kb / 5P
   Low-Cost Industrial Digital I/O - 150 V
PXI-6509 NI-PXI-6509 Datasheet
229Kb / 5P
   Low-Cost Industrial Digital I/O-5 V TTL/CMOS
logo
Analog Devices
6B50-2 AD-6B50-2_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
6B50-1 AD-6B50-1 Datasheet
488Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
logo
List of Unclassifed Man...
USB-7230 ETC2-USB-7230 Datasheet
242Kb / 2P
   Isolated USB Digital I/O Modules
logo
National Instruments Co...
777810-01 NI-777810-01 Datasheet
382Kb / 9P
   48-Bit Isolated Digital I/O
logo
Analog Devices
6B50-1 AD-6B50-1_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
logo
Maxim Integrated Produc...
MAX22000EVKIT MAXIM-MAX22000EVKIT Datasheet
2Mb / 30P
   Includes MAX14914A Industrial Digital I/O
Rev 0; 5/20
logo
National Instruments Co...
NIPCI-6520 NI-NIPCI-6520 Datasheet
528Kb / 5P
   Low-Cost Industrial Digital60 V, Channel-to-Channel Isolated
logo
Adlink Technology Inc.
CPCI-7432 ADLINK-CPCI-7432 Datasheet
208Kb / 1P
   64-CH Isolated Digital I/O Cards
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com