Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXI-5124 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # PXI-5124
Description  150 MHz, 200 MS/s, 12-Bit Digitizer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PXI-5124 Datasheet(HTML) 2 Page - National Instruments Corporation

  PXI-5124 Datasheet HTML 1Page - National Instruments Corporation PXI-5124 Datasheet HTML 2Page - National Instruments Corporation PXI-5124 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
These specifications are valid for 0 to 55 ˚C, unless otherwise stated.
Acquisition System
Number of channels......................................... 2 simultaneously sampled
Resolution......................................................... 12 bits
Bandwidth (-3 dB)
Bandwidth limit filters
(software selectable) ....................................... 20 MHz noise (2-pole Bessel)
60 MHz antialias (4-pole elliptical)
Maximum sampling rate .................................. 200 MS/s real-time, 4 GS/s random interleave sampling
Onboard sample memory ................................. 8, 32, 256, or 512 MB per channel
(4, 16, 128, 256 million samples)
Pre and posttrigger data points2...................... 0 to 100% of full record length
Input impedance............................................... 50
Ω and 1 M Ω || 25 pF, software selectable
Full-scale input range....................................... 50
Ω: 200 mV, 400 mV, 1 V, 2 V, 4 V, 10 V
1 M
Ω: 200 mV, 400 mV, 1 V, 2 V, 4 V, 10 V, 20 V
Vertical offset ranges....................................... ±50% of full scale input range
Maximum input overload ................................. 50
Ω: 7 V
rms with peaks ≤ 10 V
1 M
Ω: peaks ≤ 42 V
Input coupling................................................... AC, DC, GND (AC coupling on 1 M
Ω only)
AC coupling cutoff frequency (-3 dB)............... 12 Hz
Accuracy
DC accuracy (0 V offset setting)
Passband flatness (referenced at 50 kHz)
AC amplitude accuracy (50 kHz) ...................... 50
Ω: ±0.06 dB
1 M
Ω: ±0.09 dB
Channel-to-channel crosstalk ..........................
≤-85 dB at 10 MHz
Spectral Characteristics (typical)
Dynamic Performance (50
Ω input impedance with 10 MHz, -1 dBFS input signal)
Dynamic Performance (1 M
Ω input impedance with 10 MHz, -1 dBFS input signal)
SFDR = Spurious-free dynamic range
THD = Total harmonic distortion
SNR = Signal-to-noise ratio, excluding distortion (antialias filter enabled)
SINAD = Signal-to-noise and distortion (antialias filter enabled)
RMS Noise (20 MHz filter enabled)
Intermodulation distortion3 (IMD) .................... -75 dBc
Phase noise density (10 MHz input) ................ <-100 dBc/Hz at 100 Hz
<-120 dBc/Hz at 1 kHz
<-130 dBc/Hz at 10 kHz
Acquisition Modes
Real-time sampling rate................................... 200 MS/s to 3.052 kS/s sample rate
Random interleave sampling (RIS)................... 4 GS/s to 400 MS/s sample rate (repetitive signals only)
Timebase System
Total sample clock jitter4 .................................
≤1 ps
rms
Internal
Internal sample clock frequency ...................... 200 MS/s sampling rate with
decimation by n where 1
≤ n ≤ 65,535
Timebase accuracy ........................................... ±25 ppm (±0.0025%)
External
External clock sources...................................... CLK IN (SMB connector), PXI star
External clock range......................................... 50 MHz to 210 MHz, variable with
decimation by n where 1
≤ n ≤ 65,535
External reference sources .............................. CLK IN (SMB connector), PXI backplane 10 MHz
External reference range.................................. 1 to 20 MHz in 1 MHz increments
External clock/reference amplitude................. Sine wave: 0.65 to 2.8 Vpp (0 to 13 dBm)
Square wave: 0.2 to 2.8 Vpp
External clock/reference impedance ............... 50
Ω, AC coupled
Trigger System
Modes............................................................... Edge, Hysteresis, Window, Video, Digital, Immediate, Software
Source............................................................... CH 0, CH 1, TRIG, PXI_Trig <0:6>, PFI <0:1>, PXI Star, Software
Slope................................................................. Rising or falling
Hysteresis......................................................... Fully programmable
Video trigger..................................................... Negative sync of NTSC, PAL, and SECAM standards
Video trigger types ........................................... Any line, specific line, specific field
High frequency reject filter .............................. 50 kHz software selectable
Low frequency reject filter............................... 50 kHz software selectable
Sensitivity......................................................... CH0 and CH1: 2.5% FS up to 50 MHz
decreasing to 10% FS at 150 MHz
TRIG: 2.5% up to 100 MHz decreasing to 10% at 200 MHz
Level accuracy .................................................. CH0, CH1: ±4.7% FS up to 10 MHz
TRIG: ±3.5% FS up to 10 MHz
Time resolution................................................. 50 ps with time-to-digital converter enabled
Holdoff5 ............................................................ 2 µs to 171.79 s, software selectable
External Trigger Channel (TRIG)
Impedance ........................................................ 1 M
Ω || 22 pF
Vertical Range .................................................. ±5 V
Coupling............................................................ AC, DC
Power Requirements (typical)
Environment
Operating temperature6 ................................... 0 to 55 ºC (Meets IEC-60068-2-1 and IEC-60068-2-2)
Storage temperature ........................................ -40 to 71 ºC (meets IEC-60068-2-1 and 60068-2-2)
Relative humidity ............................................. 10 to 90 %, noncondensing (meets 60068-2-56)
Calibration
Self-calibration................................................. Gain, offset, frequency response,
triggering, and timing for all input ranges
External calibration interval............................. 2 years
Certification and Compliances
CE Mark compliance
For detailed specifications on power, environmental, safety, and physical dimensions see PXI-5124
detailed specifications.
1.Bandwidth on the 1 M
Ω input is 145 MHz for 0 to 40 ºC and 135 MHz for 40 to 55 ºC
2. NI PXI-5124 is also capable of continous acquisition
3. Measured on ranges up to 2 V on 50
Ω input with two tones at 10.2 MHz and 11.2 MHz, each at -7 dBFS
4. Includes effects of converter aperture and clock circuitry jitter from 100 Hz to 100 kHz
5. Time-digital converter disabled
6. 0 to 45 ºC in PXI-101x and 1000/B chassis
Full Scale Input Range
50
1 M
400 mV, 1 V, 2 V, 5 V, 10 V, 20 V
150 MHz
145 MHz1
200 mV
85 MHz
75 MHz
Specifications
150 MHz, 200 MS/s, 12-Bit Digitizer
2 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Memory per
Maximum number
channel (MB)
of records
Multiple records acquisition
8
32,768
(0 to 100% pre and posttrigger data)
32
131,072
256
1,048,576
512
2,097,152
Full Scale Input Range
50
Ω and 1 MΩ
200 mV, 400 mV
±0.65% of Input ±1.3 mV
1 V, 2 V
±0.65% of Input ±1.5 mV
4 V, 10 V, 20 V
±0.65% of Input ±10.0 mV
Full-scale input range
50
Ω and 1 MΩ
Filters Off
400 mV, 1 V, 2 V, 5 V, 10 V, 20 V
±0.5 dB, DC to 20 MHz
±1 dB, 20 MHz to 50 MHz
±1.7 dB, 50 MHz to 100 MHz
200 mV
±0.6 dB, DC to 20 MHz
±1.5 dB, 20 MHz to 40 MHz
Antialias Filter On
All ranges
-1 dB to +2 dB, DC to 55 MHz
Full Scale Input Range
SFDR
THD
SNR
SINAD
200 mV
75 dB
-74 dBc
57 dB
57 dB
400 mV
75 dB
-74 dBc
58 dB
58 dB
1 V
72 dB
-72 dBc
58 dB
58 dB
2 V
72 dB
-72 dBc
58 dB
58 dB
4 V
65 dB
-63 dBc
10 V
65 dB
-63 dBc
––
Full Scale Input Range
SFDR
THD
SNR
SINAD
200 mV
70 dB
-68 dBc
53 dB
53 dB
400 mV
70 dB
-68 dBc
55 dB
55 dB
1 V
70 dB
-68 dBc
57 dB
57 dB
2 V
70 dB
-67 dBc
57 dB
57 dB
4 V
67 dB
-66 dBc
56 dB
56 dB
10 V
60 dB
-58 dBc
20 V
60 dB
-58 dBc
Full Scale Input Range
50
1 M
200 mV
94 µV
rms
104 µV
rms
400 mV
188 µV
rms
192 µV
rms
1 V
470 µV
rms
480 µV
rms
2 V
940 µV
rms
960 µV
rms
4 V
1.88 mV
rms
1.92 mV
rms
10 V
4.7 mV
rms
4.8 mV
rms
20 V (1 M
Ω only)
9.4 mV
rms
+3.3 VDC
+5 VDC
+12 VDC
-12 VDC
Total Power
1.3 A
1.7 A
130 mA
270 mA
17.6 W


Similar Part No. - PXI-5124

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-5142 NI-PXI-5142 Datasheet
1Mb / 77P
   14-Bit 100 MS/s Digitizer with Onboard Signal Processing
More results

Similar Description - PXI-5124

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-5622 NI-NIPXIE-5622 Datasheet
286Kb / 14P
   150 MS/s, 16-Bit Digitizer for Communications
NI5122 NI-NI5122 Datasheet
442Kb / 5P
   100 MHz, 100 MS/s, 14-Bit Digitizer
NIPXIE-5122 NI-NIPXIE-5122 Datasheet
442Kb / 5P
   100 MHz, 100 MS/s, 14-Bit Digitizer
logo
Advantech Co., Ltd.
PCIE-1840 ADVANTECH-PCIE-1840 Datasheet
356Kb / 1P
   4-Ch, 16-Bit, 125 MS/s Digitizer
27-Jun-2018
logo
Adlink Technology Inc.
PXIE-9834 ADLINK-PXIE-9834 Datasheet
247Kb / 2P
   4CH 16-Bit 80 MS/s PXI Express Digitizer
logo
National Instruments Co...
PCI-5142 NI-PCI-5142 Datasheet
1Mb / 77P
   14-Bit 100 MS/s Digitizer with Onboard Signal Processing
NI5105 NI-NI5105 Datasheet
302Kb / 4P
   60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
NI5761 NI-NI5761 Datasheet
495Kb / 14P
   250 MS/s, 14-Bit Digitizer Adapter Module for NI FlexRIO
PXI-5422 NI-PXI-5422 Datasheet
371Kb / 3P
   200 MS/s, 16-Bit Arbitrary Waveform Generator
logo
Adlink Technology Inc.
PXIE-9848 ADLINK-PXIE-9848 Datasheet
235Kb / 2P
   8-CH 14-Bit 100 MS/s High-Speed PXI Express Digitizer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com