Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXI-2597 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # PXI-2597
Description  26.5 GHz Multiplexers, SPDT Relays, and Transfer Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PXI-2597 Datasheet(HTML) 1 Page - National Instruments Corporation

  PXI-2597 Datasheet HTML 1Page - National Instruments Corporation PXI-2597 Datasheet HTML 2Page - National Instruments Corporation PXI-2597 Datasheet HTML 3Page - National Instruments Corporation PXI-2597 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
26.5 GHz Multiplexers, SPDT Relays, and Transfer Switches
• 26.5 GHz bandwidth
electromechanical relays
• 50
characteristicimpedance
• Onboard relay counting
• Fully software programmable
• Configurations
• PXI-2596 – dual 6x1 unterminated
multiplexer (SP6T)
• PXI-2597 – 6x1 terminated
multiplexer (SP6T)
• PXI-2598 – dual transfer switch
• PXI-2599 – dual SPDT
(Form C) relays
• Modules designed using microwave
relays from Radiall
Operating Systems
• Windows 2000/NT/XP
Recommended Software
• NI Switch Executive
• LabVIEW
• LabWindows/CVI
• Measurement Studio
Other Compatible Software
• Visual Basic
• C/C++
Driver/Services Software
(included)
• NI-SWITCH
• NI-DAQmx
NI PXI-2596, NI PXI-2597, NI PXI-2598, NI PXI-2599
Overview and Applications
The National Instruments PXI-2596, PXI-2597, PXI-2598, and PXI-2599
multiplexers, SPDT relays, and transfer switch modules route RF or
microwave signals in automated test applications. While designed to
operate with less than 1 dB insertion loss up to 26.5 GHz, they appear
almost invisible to signals at much lower frequencies as well. Use the
NI PXI-2597 terminated multiplexer when high-power signal reflections are
a concern and 50
terminationsarerequired.ThePXI-2596offersa
higher-density, unterminated option with dual 6x1 multiplexer banks in the
same module. The PXI-2598 and PXI-2599 operate as transfer switches and
SPDT relays, respectively, for basic signal routing or inserting and
removing components in a signal path. These modules are also well-suited
for passing high-order harmonics from RF upconverters such as the
NI PXI-5670 2.7 GHz RF vector signal generator or routing multiple sources to
RF downconverters such as the NI PXI-5660 2.7 GHz RF vector signal analyzer.
Relay Count Tracking
The switches count relay closures on each of their individual relays.
Relay counts are incremented each time a relay is actuated. You can
programmatically retrieve the counts, stored on board the modules, and use
them for predictive maintenance to reduce unexpected system downtime.
Signal Connectivity Options
The PXI-2596, PXI-2597, PXI-2598, and PXI-2599 all use standard SMA
connectors for signal connections. National Instruments offers two semirigid
SMA cables (0.15 and 0.45 cm) that are acceptable for many RF/microwave
signals. There are also many custom cable vendors on the market that can
meet your exact cable length, performance, and connector requirements.
Please visit ni.com/switches for a list of third-party cable vendors.
Software
All National Instruments PXI switch modules are shipped with NI-SWITCH,
an IVI-compliant driver offering complete functionality for all switch
modules. For additional assistance in configuring, programming, and
managing higher-channel-count switching systems, NI Switch Executive
software offers an easy-to-use, intelligent switch management and visual
routing environment. With the latest version of NI Switch Executive, you
can store calibration information for your RF/microwave switch routes on a
per-path basis. Use the NI-SWITCH Soft Front Panel for simple relay
operations or debugging switch code/execution.
Ordering Information
NI PXI-2596............................................................................778572-96
NI PXI-2597............................................................................778572-97
NI PXI-2598............................................................................778572-98
NI PXI-2599............................................................................778572-99
Includes NI-SWITCH and NI-DAQmx driver software.
Accessories
SMA male-male cable (semirigid)
0.15 cm..........................................................................…763443-01
0.45 cm ..............................................................................763444-01
NI Switch Executive
Development system ........................................................778546-01
Deployment engine ..........................................................778548-00
BUY NOW!
For complete product specifications, pricing, and accessory information,
call (800) 813 3693 (U.S.) or go to ni.com/switches.


Similar Part No. - PXI-2597

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-2593 NI-PXI-2593 Datasheet
537Kb / 4P
   500 MHz bandwidth/50 OHM characteristic impedance
PXI-2593 NI-PXI-2593 Datasheet
371Kb / 3P
   200 MS/s, 16-Bit Arbitrary Waveform Generator
PXI-2595 NI-PXI-2595 Datasheet
333Kb / 3P
   5 GHz 4x1 and Quad 4x1 Multiplexers
More results

Similar Description - PXI-2597

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-2027 HP-HMMC-2027 Datasheet
77Kb / 6P
   DC-26.5 GHz SPDT GaAs MMIC Switch
logo
Intersil Corporation
IH5021 INTERSIL-IH5021 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Peregrine Semiconductor
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
logo
Agilent(Hewlett-Packard...
N4375B HP-N4375B Datasheet
589Kb / 20P
   20 GHz and 26.5 GHz Single-Mode
logo
National Instruments Co...
776572-90 NI-776572-90 Datasheet
428Kb / 3P
   1.3 GHz and 4 GHz Multiplexers
logo
Analog Devices
ADL8112 AD-ADL8112 Datasheet
1Mb / 27P
   10 MHz to 26.5 GHz Amplifier with Bypass Switches
Rev. 0
logo
Agilent(Hewlett-Packard...
N4376B HP-N4376B Datasheet
561Kb / 16P
   20 GHz and 26.5 GHz Multimode Lightwave Component Analyzer
logo
BOWEI Integrated Circui...
SW20X BOWEI-SW20X Datasheet
115Kb / 1P
   SPDT Switches
logo
Micronetics, Inc.
2S3021 MICRONETICS-2S3021 Datasheet
307Kb / 1P
   SPDT SWITCHES
logo
Mini-Circuits
M3SW_A-2-50DR MINI-M3SW_A-2-50DR Datasheet
128Kb / 1P
   High Isolation Switches SPDT, DC to 4.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com