Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPS2171STR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMPS2171STR
Description  Enhanced single channel power switches
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2171STR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMPS2171STR Datasheet HTML 4Page - STMicroelectronics STMPS2171STR Datasheet HTML 5Page - STMicroelectronics STMPS2171STR Datasheet HTML 6Page - STMicroelectronics STMPS2171STR Datasheet HTML 7Page - STMicroelectronics STMPS2171STR Datasheet HTML 8Page - STMicroelectronics STMPS2171STR Datasheet HTML 9Page - STMicroelectronics STMPS2171STR Datasheet HTML 10Page - STMicroelectronics STMPS2171STR Datasheet HTML 11Page - STMicroelectronics STMPS2171STR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Pin settings
STMPS2141, STMPS2151, STMPS2161, STMPS2171
8/34
Doc ID 13793 Rev 4
2
Pin settings
2.1
Pin connections
Figure 2.
SOT23-5L, SO-8 and MSOP8 pin connections
2.2
Pin description
1
EN
FAULT
GND
2
3
5
4
OUT
IN
1
2
3
4
8
7
6
5
GND
IN
IN
EN_N
OUT
OUT
OUT
FAULT
SOT23-5L
SO-8 / MSOP8
Table 2.
Pin description
Pin number
Name
Function
SO8
MSOP8
SOT23-5L
1
1
2
GND
Ground
2
2
5
IN
2.7 V - 5.5 V input
3
3
-
IN
2.7 V - 5.5 V input
4
4
4
EN
Enable for power switch
5
5
3
FAULT
Open drain FAULT indicator, active low
6
6
1
OUT
Output of power switch
7
7
-
OUT
Output of power switch
8
8
-
OUT
Output of power switch


Similar Part No. - STMPS2171STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2171STR STMICROELECTRONICS-STMPS2171STR Datasheet
1Mb / 30P
   Enhanced single channel power switches
More results

Similar Description - STMPS2171STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2141 STMICROELECTRONICS-STMPS2141 Datasheet
1Mb / 30P
   Enhanced single channel power switches
STMPS2242 STMICROELECTRONICS-STMPS2242 Datasheet
1Mb / 42P
   Enhanced dual-channel power switches
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
logo
ITT Industries
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
logo
ITT Industries
CL101J72S205QA ITT-CL101J72S205QA Datasheet
144Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
   Single Pole Power Rocker Switches
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com