Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU6569GVWE2 Datasheet(PDF) 2 Page - Rohm

Part # BU6569GVWE2
Description  Camera Image Processor with ADPCM / MIDI / MP3 / AAC / HE-AAC Audio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU6569GVWE2 Datasheet(HTML) 2 Page - Rohm

  BU6569GVWE2 Datasheet HTML 1Page - Rohm BU6569GVWE2 Datasheet HTML 2Page - Rohm BU6569GVWE2 Datasheet HTML 3Page - Rohm BU6569GVWE2 Datasheet HTML 4Page - Rohm BU6569GVWE2 Datasheet HTML 5Page - Rohm BU6569GVWE2 Datasheet HTML 6Page - Rohm BU6569GVWE2 Datasheet HTML 7Page - Rohm BU6569GVWE2 Datasheet HTML 8Page - Rohm BU6569GVWE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Note
2/16
BU6569GVW
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
6) Built-in JPEG CODEC
ISO/IEC10918 conforming base line method.
・Compression
For YUV=4:2:2 format only.
Quantization table selectable from 32 built-in tables.
・Decompression
For YUV=4:4:4, 4:2:2(horizontal sub-sampling), 4:2:0, 4:1:1(horizontal sub-sampling), and gray scale.
7) Built-in HOST CPU interface
Adaptable to 16bit bus interface.
Read/Write access to/from frame memory.
Read/Write access to/from internal registers (Indirect access with a index register as the address).
Read/Write access to/from the LCD controller: Parallel/Serial (Direct access available via the LCD interface).
8) Built-in USB interface
USB 2.0 FS adaptable to mass storage class.
9) Built-in NAND Flash memory interface
Adaptable to 8bit and 16bit width for data bus.
ECC calculation by BU6569GVW.
10) Built-in SD card interface
Built-in host controller block of SD card interface, MMC interface.
11) AAC Decode
Supporting Advanced Audio Coding, Low complexity (AAC-LC)
Supporting High Efficiency Advanced Audio Coding (HE-AAC)
12) MP3 Decode
ISO/IEC 11172-3 (32, 44.1 or 48 KHz)
13) Melody source
Simultaneous generation of up to 64 polyphonic tones out of a tone palette of 128 sounds plus 47 drum set sounds,
15 electric drum set sounds, and 32 effect sounds. Up to 8 user customized sound can be used to create original
sounds.
Supporting 12-bit pitch bending and modulation support.
Plays up to four songs simultaneously and supports real-time modification of tempo, key, volume, and pan pot.
14) ADPCM CODEC
Built-in ADPCM decoder/PCM player (2 channels), enables mixing with melody.
Built-in ADPCM encoder/PCM recorder (1 channel).
15) IIS, PCM interface
Digital input
・IIS interface (IIS, Standard Left Justified format, and Standard Right Justified format)
・PCM interface (G711.1 u-Law, G711.1 A-Law, Linear (negative number is expressed as 2's-complement.))
Digital output
・IIS interface (IIS, Standard Left Justified format)
16) Stereo DAC block
Built-in a stereo digital-analog converter.
The DAC block's dynamic range is 1.98 Vpp (typ.)
LPF is included as a smoothing filter subsequent to DAC output, which can eliminate the high-frequency
components of the generated analog waveform.
17) Auto Play
AAC/HE-AAC/MP3 music can be played automatically in SD card or Flash memory of 512B/page and 2KB/page by
using auto play file list (link information of page address) written into Play List RAM by HOST CPU.
18) Clock generation, power management function
Two oscillation circuits configuration by XIN1, 2 and XOUT1, 2 terminals, or clock input available from the XIN1, 2
terminal. Built-in two PLL circuits enable clock multiplication.
Clock control of BU6569GVW inside in unit of block (suspend mode available.)
*Data is prepared separately about each register setup. Please refer to the Development Scheme on page 14.


Similar Part No. - BU6569GVWE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6566GVW ROHM-BU6566GVW Datasheet
379Kb / 6P
   For Home Electornics and Security Devices IC
BU6566GVW ROHM-BU6566GVW Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
BU6566GVW ROHM-BU6566GVW_09 Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
BU6568GV ROHM-BU6568GV Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
BU6568GV-E2 ROHM-BU6568GV-E2 Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
More results

Similar Description - BU6569GVWE2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS1033 ETC1-VS1033 Datasheet
556Kb / 70P
   MP3/AAC/WMA/MIDI AUDIO CODEC
VS1033C ETC2-VS1033C Datasheet
584Kb / 74P
   MP3/AAC/WMA/MIDI AUDIO CODEC
VS1053B ETC2-VS1053B Datasheet
689Kb / 79P
   Ogg Vorbis/MP3/AAC/WMA/MIDI AUDIO CODEC
logo
VLSI Solution Oy
VS1053 VLSI-VS1053 Datasheet
817Kb / 90P
   VS1053b - Ogg Vorbis/MP3/AAC/WMA/FLAC/ MIDI AUDIO CODEC CIRCUIT
Version: 1.31, 2017-11-17
logo
Princeton Technology Co...
PT8402 PTC-PT8402 Datasheet
45Kb / 4P
   MP3, AAC Decoder IC
logo
Rohm
BU94501AMUV ROHM-BU94501AMUV Datasheet
1Mb / 73P
   AAC/WMA/MP3 SD Memory Card iPod
BU94601KV ROHM-BU94601KV_12 Datasheet
1Mb / 70P
   AAC/WMA/MP3 SD Memory Card iPod
BU9458KV ROHM-BU9458KV Datasheet
210Kb / 5P
   USB host AACWMAMP3 Decoder LSI
BU94605AKV ROHM-BU94605AKV Datasheet
1Mb / 84P
   AAC/WMA/MP3 SD Memory Card CD-ROMMP3 Record
logo
List of Unclassifed Man...
VS1103B ETC2-VS1103B Datasheet
559Kb / 61P
   MIDI/ADPCM AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com