Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXI-2595 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # PXI-2595
Description  5 GHz 4x1 and Quad 4x1 Multiplexers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PXI-2595 Datasheet(HTML) 1 Page - National Instruments Corporation

  PXI-2595 Datasheet HTML 1Page - National Instruments Corporation PXI-2595 Datasheet HTML 2Page - National Instruments Corporation PXI-2595 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5 GHz 4x1 and Quad 4x1 Multiplexers
Overview
The National Instruments PXI-2595 and SCXI-1195 are 4x1 high-
frequency, unterminated multiplexing switches. The NI SCXI-1195
performs the same functions as the PXI-2595 but in a higher density,
quad 4x1 multiplexing configuration. The PXI-2595 and SCXI-1195 are
capable of switching signals from DC to 5 GHz. The characteristic
impedance of these modules is 50
Ω.
The PXI-2595 and SCXI-1195 have a maximum voltage rating of
30 Vrms with a maximum switching current of 500 mA. They are
well-suited for applications that require the routing of high-frequency
signals inside automated test equipment (ATE) systems because they
can switch signals with very low insertion loss. In addition, the excellent
voltage standing-wave ratio (VSWR) and isolation parameters make
these modules the perfect choice in any system that is geared toward
high-frequency applications
Relay Count Tracking
The PXI-2595 and SCXI-1195 count relay closures on each of their
RF relays. Relay counts are incremented each time a relay is
actuated. The counts, stored on board the module, are retrievable
programmatically, and you can use them for predictive maintenance
to reduce unexpected system downtime.
Software
All National Instruments PXI and SCXI switch modules are shipped with
NI-SWITCH, an IVI-compliant driver offering complete functionality
for all switch modules. For additional assistance in configuring,
programming, and managing higher-channel-count switching systems,
NI Switch Executive software offers an easy-to-use, intelligent switch
management and visual routing environment. Use the NI-SWITCH
soft front panel for simple relay operations or debugging switch
code/execution.
• 5 GHz bandwidth
• 50
characteristic impedance
• SMA direct connectivity
• Excellent insertion loss, VSWR,
and isolation specifications
• Onboard relay counting
• Fully software programmable
NI PXI-2595
• 4x1 multiplexer configuration
• 1-slot 3U PXI module
NI SCXI-1195
• Quad 4x1 multiplexer configuration
• 1-slot 4U SCXI module
Operating Systems
• Windows 2000/NT/XP
• Linux®
Recommended Software
• NI Switch Executive
• LabVIEW
• LabVIEW Real-Time
• LabWindows/CVI
• Measurement Studio
Other Compatible Software
• Visual Basic
• C/C++
Driver/Services
Software (included)
• NI-SWITCH
• NI-DAQmx
NI PXI-2595, NI SCXI-1195
Ordering Information
NI PXI-2595............................................................................778572-95
NI SCXI-1195 ........................................................................776572-95
Includes NI-SWITCH and NI-DAQmx driver software.
Accessories
SMA male-male cable (semirigid)
0.15 cm ..............................................................................763443-01
0.45 cm ..............................................................................763444-01
NI Switch Executive
Development System ............................................................778546-01
Deployment Engine ..............................................................778548-00
BUY NOW!
For complete product specifications, pricing, and accessory
information, call (800) 813 3693 (U.S.) or go to ni.com/switches.


Similar Part No. - PXI-2595

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-2593 NI-PXI-2593 Datasheet
537Kb / 4P
   500 MHz bandwidth/50 OHM characteristic impedance
PXI-2593 NI-PXI-2593 Datasheet
371Kb / 3P
   200 MS/s, 16-Bit Arbitrary Waveform Generator
PXI-2596 NI-PXI-2596 Datasheet
274Kb / 4P
   26.5 GHz Multiplexers, SPDT Relays, and Transfer Switches
PXI-2597 NI-PXI-2597 Datasheet
274Kb / 4P
   26.5 GHz Multiplexers, SPDT Relays, and Transfer Switches
PXI-2598 NI-PXI-2598 Datasheet
274Kb / 4P
   26.5 GHz Multiplexers, SPDT Relays, and Transfer Switches
More results

Similar Description - PXI-2595

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CN16606 LEDIL-CN16606 Datasheet
3Mb / 5P
   ~50째 beam. 4X1 variant.
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_06 Datasheet
307Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Cooper Bussmann, Inc.
S8000_SPECS COOPER-S8000_SPECS Datasheet
69Kb / 2P
   1/4x1-1/4 Fuseblocks
logo
Maxim Integrated Produc...
MAX4141 MAXIM-MAX4141 Datasheet
69Kb / 8P
   330MHz, 4x1 Precision Video Multiplexer
Rev 0; 5/95
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX434 GENNUM-GX434 Datasheet
200Kb / 9P
   GX434 Monolithic 4x1 Video Multiplexer
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
Gennum Corporation
GX214A GENNUM-GX214A Datasheet
175Kb / 5P
   GX214A Monolithic 4x1 Video Multiplexer
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_07 Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com