Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F101XB Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F101XB
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F101XB Datasheet HTML 7Page - STMicroelectronics STM32F101XB Datasheet HTML 8Page - STMicroelectronics STM32F101XB Datasheet HTML 9Page - STMicroelectronics STM32F101XB Datasheet HTML 10Page - STMicroelectronics STM32F101XB Datasheet HTML 11Page - STMicroelectronics STM32F101XB Datasheet HTML 12Page - STMicroelectronics STM32F101XB Datasheet HTML 13Page - STMicroelectronics STM32F101XB Datasheet HTML 14Page - STMicroelectronics STM32F101XB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
STM32F101x8, STM32F101xB
Description
Doc ID 13586 Rev 13
11/85
2.1
Device overview
Table 2.
Device features and peripheral counts (STM32F101xx medium-density
access line)
Peripheral
STM32F101Tx STM32F101Cx
STM32F101Rx
STM32F101Vx
Flash - Kbytes
64
128
64
128
64
128
64
128
SRAM - Kbytes
10
16
10
16
10
16
10
16
General -purpose
33
3
3
SPI
12
2
2
I2C
12
2
2
USART
23
3
3
12-bit synchronized ADC
number of channels
1
10 channels
1
10 channels
1
16 channels
1
16 channels
GPIOs
26
37
51
80
CPU frequency
36 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient temperature: –40 to +85 °C (see Table 8)
Junction temperature: –40 to +105 °C (see Table 8)
Packages
VFQFPN36
LQFP48,
VFQFPN48
LQFP64
LQFP100


Similar Part No. - STM32F101XB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101XB STMICROELECTRONICS-STM32F101XB Datasheet
966Kb / 64P
   Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
STM32F101XB STMICROELECTRONICS-STM32F101XB Datasheet
1Mb / 74P
   Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
STM32F101xB STMICROELECTRONICS-STM32F101xB Datasheet
999Kb / 81P
   Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
STM32F101xB STMICROELECTRONICS-STM32F101xB Datasheet
1Mb / 89P
   Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
More results

Similar Description - STM32F101XB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101X8 STMICROELECTRONICS-STM32F101X8_09 Datasheet
999Kb / 81P
   Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
STM32F101RBH6 STMICROELECTRONICS-STM32F101RBH6 Datasheet
1Mb / 90P
   Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
STM32F101RBT6 STMICROELECTRONICS-STM32F101RBT6 Datasheet
1Mb / 89P
   Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
STM32F101X8 STMICROELECTRONICS-STM32F101X8_13 Datasheet
1Mb / 89P
   Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
STM32F101T6U6A STMICROELECTRONICS-STM32F101T6U6A Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101C4T6A STMICROELECTRONICS-STM32F101C4T6A Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101C6T6 STMICROELECTRONICS-STM32F101C6T6 Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101X4 STMICROELECTRONICS-STM32F101X4 Datasheet
972Kb / 73P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101R6T6 STMICROELECTRONICS-STM32F101R6T6 Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F103X8 STMICROELECTRONICS-STM32F103X8_09 Datasheet
1Mb / 92P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com