Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2174 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2174
Description  Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2174 Datasheet HTML 1Page - Micrel Semiconductor MIC2174 Datasheet HTML 2Page - Micrel Semiconductor MIC2174 Datasheet HTML 3Page - Micrel Semiconductor MIC2174 Datasheet HTML 4Page - Micrel Semiconductor MIC2174 Datasheet HTML 5Page - Micrel Semiconductor MIC2174 Datasheet HTML 6Page - Micrel Semiconductor MIC2174 Datasheet HTML 7Page - Micrel Semiconductor MIC2174 Datasheet HTML 8Page - Micrel Semiconductor MIC2174 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Micrel, Inc.
MIC2174/MIC2174C
September 2010
2
M9999-091310-C
Ordering Information
Part Number
Voltage
Accuracy
Switching Frequency
Junction Temperature
Range
Package
Lead Finish
MIC2174-1YMM
Adj.
±1%
300kHz
–40° to +125°C
10-Pin MSOP
Pb-Free
MIC2174C-1YMM
Adj.
±3%
270kHz
–40° to +125°C
10-Pin MSOP
Pb-Free
Pin Configuration
10-Pin MSOP (MM)
Pin Description
Pin Number
Pin Name
Pin Function
1
HSD
High-Side N-MOSFET Drain Connection (input): Power to the drain of the external high-side N-
channel MOSFET. The HSD operating voltage range is from 3V to 40V. Input capacitors between
HSD and the power ground (PGND) are required.
2
EN
Enable (input): A logic level control of the output. The EN pin is CMOS-compatible. Logic high or
floating = enable, logic low = shutdown. In the off state, supply current of the device is greatly reduced
(typically 0.8mA).
3
FB
Feedback (input): Input to the transconductance amplifier of the control loop. The FB pin is regulated
to 0.8V. A resistor divider connecting the feedback to the output is used to adjust the desired output
voltage.
4
GND
Signal ground. GND is the ground path for the device input voltage VIN and the control circuitry. The
loop for the signal ground should be separate from the power ground (PGND) loop.
5
IN
Input Voltage (input): Power to the internal reference and control sections of the MIC2174/MIC2174C.
The IN operating voltage range is from 3V to 5.5V. A 2.2µF ceramic capacitors from IN to GND are
recommended for clean operation. VIN must be powered up no earlier than VHSD to make the soft-start
function behavior correctly.
6
DL
Low-Side Drive (output): High-current driver output for external low-side MOSFET. The DL driving
voltage swings from ground to IN.
7
PGND
Power Ground. PGND is the ground path for the MIC2174/MIC2174C buck converter power stage.
The PGND pin connects to the sources of low-side N-Channel MOSFETs, the negative terminals of
input capacitors, and the negative terminals of output capacitors. The loop for the power ground
should be as small as possible and separate from the Signal ground (GND) loop.
8
DH
High-Side Drive (output): High-current driver output for external high-side MOSFET. The DH driving
voltage is floating on the switch node voltage (LX). It swings from ground to VIN minus the diode drop.
Adding a small resistor between DH pin and the gate of the high-side N-channel MOSFETs can slow
down the turn-on and turn-off time of the MOSFETs.


Similar Part No. - MIC2174

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
MIC2174-1YMM MICREL-MIC2174-1YMM Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
More results

Similar Description - MIC2174

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
   75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
logo
Micrel Semiconductor
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
   Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
   28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
   75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164_10 Datasheet
1Mb / 39P
   Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
   Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com