Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB60N55F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB60N55F3
Description  N-channel 55 V, 6.5 m廓, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET??III Power MOSFET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60N55F3 Datasheet(HTML) 2 Page - STMicroelectronics

  STB60N55F3_09 Datasheet HTML 1Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 2Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 3Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 4Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 5Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 6Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 7Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 8Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Contents
STx60N55F3
2/20
Doc ID 13242 Rev 4
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5
Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19


Similar Part No. - STB60N55F3_09

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STB60N03-TR VBSEMI-STB60N03-TR Datasheet
1Mb / 10P
   N-Channel 30 V (D-S) 175 째C MOSFET
logo
STMicroelectronics
STB60N03L-10 STMICROELECTRONICS-STB60N03L-10 Datasheet
87Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STB60N03L-10 VBSEMI-STB60N03L-10 Datasheet
1Mb / 10P
   N-Channel 30 V (D-S) 175 째C MOSFET
logo
STMicroelectronics
STB60N06-14 STMICROELECTRONICS-STB60N06-14 Datasheet
87Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STB60N06-14 VBSEMI-STB60N06-14 Datasheet
985Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - STB60N55F3_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
   N-channel 40 V, 5.0 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
   N-channel 55 V, 0.0062 廓, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
STB4NK60Z STMICROELECTRONICS-STB4NK60Z_08 Datasheet
578Kb / 20P
   N-channel 600 V - 1.76 廓 - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
STD4NK60ZT4 STMICROELECTRONICS-STD4NK60ZT4 Datasheet
970Kb / 28P
   N-channel 600 V, 1.76 廓, 4 A SuperMESH??Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com