Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD39080DT18-R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD39080DT18-R
Description  Ultra low drop BICMOS voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39080DT18-R Datasheet(HTML) 4 Page - STMicroelectronics

  LD39080DT18-R Datasheet HTML 1Page - STMicroelectronics LD39080DT18-R Datasheet HTML 2Page - STMicroelectronics LD39080DT18-R Datasheet HTML 3Page - STMicroelectronics LD39080DT18-R Datasheet HTML 4Page - STMicroelectronics LD39080DT18-R Datasheet HTML 5Page - STMicroelectronics LD39080DT18-R Datasheet HTML 6Page - STMicroelectronics LD39080DT18-R Datasheet HTML 7Page - STMicroelectronics LD39080DT18-R Datasheet HTML 8Page - STMicroelectronics LD39080DT18-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin configuration
LD39080
4/20
2
Pin configuration
Figure 2.
Pin connections (top view for DPAK and PPAK, bottom view for DFN8)
DFN8 (4x4 mm)
DPAK
PPAK
Table 1.
Pin description
Pln N°
Symbol
Note
DFN
PPAK
DPAK
85
VSENSE/N.C.
For fixed versions: to be connected with LDO Output Voltage pins for DFN
package and Not Connected on PPAK
ADJ
For adjustable version: Error Amplifier Input pin for VO from 1.22 to 5.0V
3, 4
2
1
VI
LDO Input Voltage; VI from 2.5V to 6V, CI=1µF must be located at a
distance of not more than 0.5’’ from input pin.
6, 7
4
3
VO
LDO Output Voltage pins, with minimum CO=2.2µF needed for stability
(also refer to CO vs. ESR stability chart)
21
VINH
Inhibit Input Voltage: ON MODE when VINH ≥ 2V, OFF MODE when VINH
0.3V (Do not leave floating, not internally pulled down/up)
1
3
2
GND
Common ground
5
N.C.
Not Connected


Similar Part No. - LD39080DT18-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015 STMICROELECTRONICS-LD39015 Datasheet
305Kb / 16P
   Very low noise without bypass capacitor
February 2014 Rev 4
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39015J08R STMICROELECTRONICS-LD39015J08R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J10R STMICROELECTRONICS-LD39015J10R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J12R STMICROELECTRONICS-LD39015J12R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
More results

Similar Description - LD39080DT18-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
   Ultra low drop BICMOS voltage regulator
LD39150XX STMICROELECTRONICS-LD39150XX Datasheet
511Kb / 19P
   Ultra low drop BiCMOS voltage regulator
LD39300 STMICROELECTRONICS-LD39300 Datasheet
359Kb / 17P
   Ultra low drop BICMOS voltage regulator
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6237 HMSEMI-HM6237 Datasheet
701Kb / 9P
   Ultra low power low drop voltage small current voltage regulator
logo
STMicroelectronics
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
   Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com