Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2164-2YMM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2164-2YMM
Description  Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2164-2YMM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2164-2YMM Datasheet HTML 1Page - Micrel Semiconductor MIC2164-2YMM Datasheet HTML 2Page - Micrel Semiconductor MIC2164-2YMM Datasheet HTML 3Page - Micrel Semiconductor MIC2164-2YMM Datasheet HTML 4Page - Micrel Semiconductor MIC2164-2YMM Datasheet HTML 5Page - Micrel Semiconductor MIC2164-2YMM Datasheet HTML 6Page - Micrel Semiconductor MIC2164-2YMM Datasheet HTML 7Page - Micrel Semiconductor MIC2164-2YMM Datasheet HTML 8Page - Micrel Semiconductor MIC2164-2YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Micrel, Inc.
MIC2164/-2/-3/C
September 2010
5
M9999-091310-D
Electrical Characteristics
(4) (Continued)
VBST − VLX = 5V; TA = +25°C, unless noted. Bold values indicate −40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Maximum Duty Cycle
(9)
MIC2164/ MIC2164C
MIC2164-2
MIC2164-3
87
74
66
%
Minimum Duty Cycle
Measured at DH, VFB = 1V
0
%
FET Drives
DH, DL Output Low Voltage
ISINK = 10mA
0.1
V
DH, DL Output High Voltage
ISOURCE = 10mA
VIN − 0.1V
or
VBST − 0.1V
V
DH On-Resistance, High State
2.1
3.3
DH On-Resistance, Low State
1.8
3.3
DL On-Resistance, High State
1.8
3.3
DL On-Resistance, Low State
1.2
2.3
LX Leakage Current
VLX = 28V, VIN = 5.5V,VBST = 33.5V
50
µA
HSD Leakage Current
VLX = 28V, VIN = 5.5V,VBST = 33.5V
20
µA
Thermal Protection
Over-Temperature Shutdown
155
°C
Over-Temperature Shutdown
Hysteresis
10
°C
Shutdown Control
EN Logic Level Low
3V < VIN <5.5V
0.4
0.8
V
EN Logic Level High
3V < VIN <5.5V
0.9
1.2
V
EN Pull-Up Current
50
µA
Note:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.
5. The application is fully functional at low IN (supply of the control section) if the external MOSFETs have enough low voltage VTH.
6. The current will come only from the internal 100kΩ pull-up resistor sitting on the EN Input and tied to IN.
8. Measured in test mode.
9. Measured at DH. The maximum duty cycle is limited by the fixed mandatory off time TOFF of typical 363ns.


Similar Part No. - MIC2164-2YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164-2YMM MICREL-MIC2164-2YMM Datasheet
918Kb / 36P
   Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
More results

Similar Description - MIC2164-2YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
   Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
   28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
   75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
logo
Micrel Semiconductor
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
   Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
   Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
logo
Microchip Technology
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
   75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com