Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSFR1700 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSFR1700
Description  Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFR1700 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSFR1700 Datasheet HTML 1Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 2Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 3Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 4Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 5Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 6Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 7Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 8Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFR series Rev.1.0.9
5
Absolute Maximum Ratings (Continued)
Symbol
Parameter
Min.
Max.
Unit
MOSFET Section (Continued)
ID
Continuous Drain Current
FSFR2100U
TC=25°C
10.5
A
TC=100°C
6.5
FSFR2000
TC=25°C
9.5
TC=100°C
6.0
FSFR1900
TC=25°C
8.0
TC=100°C
5.0
FSFR1800
TC=25°C
7.0
TC=100°C
4.5
FSFR1700
TC=25°C
6.0
TC=100°C
3.9
FSFR1600
TC=25°C
4.5
TC=100°C
2.7
Package Section
Torque
Recommended Screw Torque
5~7
kgf·cm
Notes:
3.
Per MOSFET when both MOSFETs are conducting.
4.
The maximum value of the recommended operating junction temperature is limited by thermal shutdown.
5.
Pulse width is limited by maximum junction temperature.
Thermal Impedance
TA=25°C unless otherwise specified.
Symbol
Parameter
Value
Unit
θJC
Junction-to-Case Center Thermal Impedance
(Both MOSFETs Conducting)
FSFR2100U
10.44
ºC/W
FSFR2000
10.44
FSFR1900
10.56
FSFR1800
10.68
FSFR1700
10.79
FSFR1600
10.89


Similar Part No. - FSFR1700

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1700 FAIRCHILD-FSFR1700 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1700HS FAIRCHILD-FSFR1700HS Datasheet
2Mb / 15P
   FSFR-HS Series ??Advanced Fairchild Power Switch(FPS??
FSFR1700HSL FAIRCHILD-FSFR1700HSL Datasheet
2Mb / 15P
   FSFR-HS Series ??Advanced Fairchild Power Switch(FPS??
FSFR1700US FAIRCHILD-FSFR1700US Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1700USL FAIRCHILD-FSFR1700USL Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
More results

Similar Description - FSFR1700

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1700XS FAIRCHILD-FSFR1700XS Datasheet
915Kb / 14P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR2100 FAIRCHILD-FSFR2100 Datasheet
650Kb / 16P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
FSFR1800US FAIRCHILD-FSFR1800US Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR2100 FAIRCHILD-FSFR2100_08 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFA2100 FAIRCHILD-FSFA2100 Datasheet
688Kb / 16P
   Power Switch (FPS?? for Half-Bridge PWM Converters
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com