Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSFR1900 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSFR1900
Description  Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFR1900 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSFR1900 Datasheet HTML 7Page - Fairchild Semiconductor FSFR1900 Datasheet HTML 8Page - Fairchild Semiconductor FSFR1900 Datasheet HTML 9Page - Fairchild Semiconductor FSFR1900 Datasheet HTML 10Page - Fairchild Semiconductor FSFR1900 Datasheet HTML 11Page - Fairchild Semiconductor FSFR1900 Datasheet HTML 12Page - Fairchild Semiconductor FSFR1900 Datasheet HTML 13Page - Fairchild Semiconductor FSFR1900 Datasheet HTML 14Page - Fairchild Semiconductor FSFR1900 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFR series Rev.1.0.9
11
in Figure 19. FSFR-series also has an internal soft-start
for 3ms to reduce the current overshoot during the initial
cycles, which adds 40kHz to the initial frequency of the
external soft-start circuit, as shown in Figure 20. The
initial frequency of the soft-start is given as:
min
5.2
5.2
(
) 100 40 (
)
ISS
SS
kk
f
kHz
RR
ΩΩ
=+
×
+
(3)
It is typical to set the initial frequency of soft-start two ~
three times the resonant frequency (fO) of the resonant
network.
The soft-start time is three to four times of the RC time
constant. The RC time constant is as follows:
SS
SS
SS
TR
C
=⋅
(4)
f
s
time
Control loop
take over
40kHz
f ISS
Figure 20. Frequency Sweeping of Soft-start
4. Control Pin: The FSFR-series has a control pin for
protection, cycle skipping, and remote on/off. Figure 21
shows the internal block diagram for control pin.
Figure 21. Internal Block of Control Pin
Protection: When the control pin voltage exceeds 5V,
protection
is
triggered.
Detailed
applications
are
described in the protection section.
Pulse Skipping: FSFR-series stops switching when the
control pin voltage drops below 0.4V and resumes
switching when the control pin voltage rises above 0.6V.
To use pulse-skipping, the control pin should be
connected to the opto-coupler collector pin. The
frequency that causes pulse skipping is given as:
()
kHz
100
x
R
k
16
.
4
R
k
2
.
5
max
min
SKIP
+
=
(5)
Figure 22. Control Pin Configuration for
Pulse Skipping
Remote On / Off: When an auxiliary power supply is
used for standby, the main power stage using FSFR-
series can be shut down by pulling down the control pin
voltage, as shown in Figure 23. R1 and C1 are used to
ensure soft-start when switching resumes.
OP1
R
min
FPS
Main
Output
Main Off
Aux
Output
R1
C1
OP1
R
T
CON
Figure 23. Remote On / Off Circuit
4. Current Sensing Method
Current Sensing Using Resistor: FSFR-series senses
drain current as a negative voltage, as shown in Figure
24 and Figure 25. Half-wave sensing allows low power
dissipation in the sensing resistor, while full-wave
sensing has less switching noise in the sensing signal.


Similar Part No. - FSFR1900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1900 FAIRCHILD-FSFR1900 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR19003 FAIRCHILD-FSFR19003 Datasheet
650Kb / 16P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
More results

Similar Description - FSFR1900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1700XS FAIRCHILD-FSFR1700XS Datasheet
915Kb / 14P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR2100 FAIRCHILD-FSFR2100 Datasheet
650Kb / 16P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
FSFR1800US FAIRCHILD-FSFR1800US Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR2100 FAIRCHILD-FSFR2100_08 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFA2100 FAIRCHILD-FSFA2100 Datasheet
688Kb / 16P
   Power Switch (FPS?? for Half-Bridge PWM Converters
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com