Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0465RSLDTU Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSQ0465RSLDTU
Description  Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0465RSLDTU Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSQ0465RSLDTU Datasheet HTML 6Page - Fairchild Semiconductor FSQ0465RSLDTU Datasheet HTML 7Page - Fairchild Semiconductor FSQ0465RSLDTU Datasheet HTML 8Page - Fairchild Semiconductor FSQ0465RSLDTU Datasheet HTML 9Page - Fairchild Semiconductor FSQ0465RSLDTU Datasheet HTML 10Page - Fairchild Semiconductor FSQ0465RSLDTU Datasheet HTML 11Page - Fairchild Semiconductor FSQ0465RSLDTU Datasheet HTML 12Page - Fairchild Semiconductor FSQ0465RSLDTU Datasheet HTML 13Page - Fairchild Semiconductor FSQ0465RSLDTU Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0465RS/RB Rev. 1.0.1
10
Typical Performance Characteristics (Continued)
These characteristic graphs are normalized at TA= 25°C.
Figure 10. Blanking Time (tB) vs. TA
Figure 11. Feedback Source Current (IFB) vs. TA
Figure 12. Shutdown Delay Current (IDELAY) vs. TA
Figure 13. Burst-Mode High Threshold Voltage
(Vburh) vs. TA
Figure 14. Burst-Mode Low Threshold Voltage
(Vburl) vs. TA |
Figure 15. Peak Current Limit (ILIM) vs. TA
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]


Similar Part No. - FSQ0465RSLDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0465RSLDTU FAIRCHILD-FSQ0465RSLDTU Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
More results

Similar Description - FSQ0465RSLDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RS ONSEMI-FSQ0565RS Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com