Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6921AQI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6921AQI
Description  20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6921AQI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6921AQI Datasheet HTML 1Page - Maxim Integrated Products MAX6921AQI Datasheet HTML 2Page - Maxim Integrated Products MAX6921AQI Datasheet HTML 3Page - Maxim Integrated Products MAX6921AQI Datasheet HTML 4Page - Maxim Integrated Products MAX6921AQI Datasheet HTML 5Page - Maxim Integrated Products MAX6921AQI Datasheet HTML 6Page - Maxim Integrated Products MAX6921AQI Datasheet HTML 7Page - Maxim Integrated Products MAX6921AQI Datasheet HTML 8Page - Maxim Integrated Products MAX6921AQI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
20-Output, 76V, Serial-Interfaced
VFD Tube Drivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(
Typical Operating Circuit, VBB = 8V to 76V, VCC = 3V to 5.5V, VSS = -11V to 0V, VBB - VSS ≤ 76V, TA = TMIN to TMAX, unless other-
wise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage (with respect to GND)
VBB .........................................................................-0.3V to +80V
VCC ...........................................................................-0.3V to +6V
VSS (MAX6931 only) ...............................................-12V to +0.3V
VBB - VSS (MAX6931 only) .....................................-0.3V to +80V
OUT_ (MAX6921 only) ..................(GND - -0.3V) to (VBB + 0.3V)
OUT_ (MAX6931 only) ....................(VSS - -0.3V) to (VBB + 0.3V)
All Other Pins..............................................-0.3V to (VCC + 0.3V)
OUT_ Continuous Source Current ....................................-45mA
OUT_ Pulsed (1ms max, 1/4 max duty) Source Current ...-80mA
Total OUT_ Continuous Source Current .........................-540mA
Total OUT_ Continuous Sink Current .................................90mA
Total OUT_ Pulsed (1ms max, 1/4 max duty)
Source Current ...........................................................-960mA
OUT_ Sink Current .............................................................15mA
CLK, DIN, LOAD, BLANK, DOUT Current .......................±10mA
Continuous Power Dissipation (TA = +70°C)
28-Pin TSSOP (derate 12.8mW/°C
over +70°C)................................................................1025mW
28-Pin Wide SO (derate 12.5mW/°C
over +70°C)................................................................1000mW
28-Pin PLCC (derate 10.5mW/°C
over +70°C)..................................................................842mW
Operating Temperature Range
(TMIN to TMAX) ...............................................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Wide SO, TSSOP lead(Pb)-free ...................................+260°C
PLCC lead(Pb)-free......................................................+245°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Supply Voltage
VCC
3
5.5
V
Tube Supply Voltage
VBB
876
V
Bias Supply Voltage
(MAX6931 Only)
VSS
-11
0
V
Total Supply Voltage
(MAX6931 Only)
VBB - VSS
76
V
TA = +25°C
78
170
All outputs OUT_ low,
CLK = idle
TA = -40°C to +125°C
200
TA = +25°C
540
900
Logic Supply Operating Current
ICC
All outputs OUT_ high,
CLK = idle
TA = -40°C to +125°C
1000
µA
TA = +25°C
1.65
3.0
All outputs OUT_ low
TA = -40°C to +125°C
6.9
TA = +25°C
0.85
1.3
Tube Supply Operating Current
IBB
All outputs OUT_ high
TA = -40°C to +125°C
1.4
mA
TA = +25°C
-0.8
-0.38
All outputs OUT_ low
TA = -40°C to +125°C
-1.9
TA = +25°C
-1.4
-0.87
Bias Supply Operating Current
(MAX6931 Only)
ISS
All outputs OUT_ high
TA = -40°C to +125°C
-1.5
mA


Similar Part No. - MAX6921AQI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6921AQI MAXIM-MAX6921AQI Datasheet
282Kb / 14P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 0; 10/03
More results

Similar Description - MAX6921AQI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6921 MAXIM-MAX6921 Datasheet
282Kb / 14P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 0; 10/03
MAX6920 MAXIM-MAX6920_14 Datasheet
1Mb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 1; 8/14
MAX6922 MAXIM-MAX6922 Datasheet
1Mb / 14P
   27-, 28-, and 32-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 3; 7/14
MAX6920 MAXIM-MAX6920 Datasheet
182Kb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 0; 10/03
logo
Applied Micro Circuits ...
SC3306 AMCC-SC3306 Datasheet
291Kb / 8P
   20-OUTPUT LVTTL CLOCK DRIVERS
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
Unisonic Technologies
UL319 UTC-UL319 Datasheet
230Kb / 7P
   SERIAL-INTERFACED 16-DIGIT LED CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com