Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6921 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6921
Description  20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6921 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6921_10 Datasheet HTML 4Page - Maxim Integrated Products MAX6921_10 Datasheet HTML 5Page - Maxim Integrated Products MAX6921_10 Datasheet HTML 6Page - Maxim Integrated Products MAX6921_10 Datasheet HTML 7Page - Maxim Integrated Products MAX6921_10 Datasheet HTML 8Page - Maxim Integrated Products MAX6921_10 Datasheet HTML 9Page - Maxim Integrated Products MAX6921_10 Datasheet HTML 10Page - Maxim Integrated Products MAX6921_10 Datasheet HTML 11Page - Maxim Integrated Products MAX6921_10 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Writing Device Registers Using the
4-Wire Serial Interface
The MAX6921/MAX6931 are normally written using the
following sequence:
1) Take CLK low.
2) Clock 20 bits of data in order D19 first to D0 last
into DIN, observing the data setup and hold times.
3) Load the 20 output latches with a falling edge
on LOAD.
LOAD can be high or low during a transmission. If
LOAD is high, then the data shifted into the shift regis-
ter at DIN appear at the OUT0 to OUT19 outputs.
CLK and DIN can be used to transmit data to other
peripherals. Activity on CLK always shifts data into the
MAX6921/MAX6931s’ shift register. However, the
MAX6921/MAX6931 only update their output latch on
the rising edge of LOAD, and the last 20 bits of data
are loaded. Therefore, multiple devices can share CLK
and DIN, as long as they have unique LOAD controls.
Determining Driver Output Voltage Drop
The outputs are CMOS drivers, and have a resistive
characteristic. The typical and maximum sink and
source output resistances can be calculated from the
VH and VL electrical characteristics. Use this calculated
resistance to determine the output voltage drop at dif-
ferent output currents.
20-Output, 76V, Serial-Interfaced
VFD Tube Drivers
8
_______________________________________________________________________________________
LOAD
tCSW
tCP
tCSH
tCH
tDH
tDO
tDS
D19
D18
D1
D0
D19
tCL
CLK
DIN
DOUT
Figure 4. 4-Wire Serial Interface Timing Diagram
CLOCK
INPUT
SHIFT REGISTER CONTENTS
LOAD
INPUT
LATCH CONTENTS
BLANKING
INPUT
OUTPUT CONTENTS
SERIAL
DATA
INPUT
DIN
CLK
D0
D1
D2 … Dn-1
Dn
LOAD
D0 D1
D2
… Dn-1 Dn
BLANK
D0 D1 D2
Dn-1 Dn
H
H
R0
R1 … Rn-2
Rn-1
L
L
R0
R1 … Rn-2
Rn-1
X
R0
R1
R2 … Rn-1
Rn
X
X
X
X
X
L
R0
R1
R2
Rn-1 Rn
P0
P1
P2 … Pn-1
Pn
H
P0
P1
P2
Pn-1 Pn
L
P0
P1
P2
Pn-1
Pn
XX
X
X
X
H
L
L
L
L
L
Table 1. 4-Wire Serial Interface Truth Table
L = Low logic level.
H = High logic level.
X = Don’t care.
P = Present state (shift register).
R = Previous state (latched).


Similar Part No. - MAX6921_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6921AQI MAXIM-MAX6921AQI Datasheet
282Kb / 14P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 0; 10/03
MAX6921AUI MAXIM-MAX6921AUI Datasheet
282Kb / 14P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 0; 10/03
MAX6921AWI MAXIM-MAX6921AWI Datasheet
282Kb / 14P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 0; 10/03
More results

Similar Description - MAX6921_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6921 MAXIM-MAX6921 Datasheet
282Kb / 14P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 0; 10/03
MAX6920 MAXIM-MAX6920_14 Datasheet
1Mb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 1; 8/14
MAX6922 MAXIM-MAX6922 Datasheet
1Mb / 14P
   27-, 28-, and 32-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 3; 7/14
MAX6920 MAXIM-MAX6920 Datasheet
182Kb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 0; 10/03
logo
Applied Micro Circuits ...
SC3306 AMCC-SC3306 Datasheet
291Kb / 8P
   20-OUTPUT LVTTL CLOCK DRIVERS
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
Unisonic Technologies
UL319 UTC-UL319 Datasheet
230Kb / 7P
   SERIAL-INTERFACED 16-DIGIT LED CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com