Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7368EUE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7368EUE
Description  4-Channel I2C Switches/Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7368EUE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7368EUE Datasheet HTML 4Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 5Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 6Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 7Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 8Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 9Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 10Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 11Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
4-Channel I2C Switches/Multiplexer
8
_______________________________________________________________________________________
8
_______________________________________________________________________________________
Pin Description
PIN
MAX7367
MAX7368
MAX7369
NAME
FUNCTION
1
1
1
A0
Device Address Bit 0 (LSB)
2
2
2
A1
Device Address Bit 1
33
RESET
Active-Low Reset Input
4—
4
INT0
Channel 0 Active-Low Interrupt Input. A logic-low
INT0 asserts INT. If not
used, pull up
INT0 through a resistor to VDD.
5
4
5
SD0
Channel 0 Serial Data
6
5
6
SC0
Channel 0 Serial Clock
7—
7
INT1
Channel 1 Active-Low Interrupt Input. A logic-low
INT1 asserts INT. If not
used, pull up
INT1 through a resistor to VDD.
8
6
8
SD1
Channel 1 Serial Data
9
7
9
SC1
Channel 1 Serial Clock
10
8
10
GND
Ground
11
11
INT2
Channel 2 Active-Low Interrupt Input. A logic-low
INT2 asserts INT. If not
used, pull up
INT2 through a resistor to VDD.
12
9
12
SD2
Channel 2 Serial Data
13
10
13
SC2
Channel 2 Serial Clock
14
14
INT3
Channel 3 Active-Low Interrupt Input. A logic-low
INT3 asserts INT. If not
used, pull up
INT3 through a resistor to VDD.
15
11
15
SD3
Channel 3 Serial Data
16
12
16
SC3
Channel 3 Serial Clock
13
3
A2
Device Address Bit 2
17
17
INT
Active-Low, Open-Drain Interrupt Output. Connect a pullup resistor to VDD.
18
14
18
SCL
Main Serial Clock
19
15
19
SDA
Main Serial Data
20
16
20
VDD
Power Supply. Bypass to GND with 0.1µF capacitor.


Similar Part No. - MAX7368EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7368EUE++ MAXIM-MAX7368EUE+ Datasheet
153Kb / 19P
   4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
More results

Similar Description - MAX7368EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7367 MAXIM-MAX7367 Datasheet
153Kb / 19P
   4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
logo
Pericom Semiconductor C...
PI4MSD5V9544A PERICOM-PI4MSD5V9544A Datasheet
513Kb / 12P
   4 Channel I2C bus Multiplexer
logo
NXP Semiconductors
PCA9544 PHILIPS-PCA9544 Datasheet
77Kb / 12P
   4-channel I2C multiplexer and interrupt controller
1999 Oct 07
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
   2-channel I2C multiplexer
2004 Sep 29
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
   2-channel I2C multiplexer
1999 Dec 15
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
   2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Pericom Semiconductor C...
PI4MSD5V9547 PERICOM-PI4MSD5V9547 Datasheet
628Kb / 13P
   8 Channel I2C bus multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com