Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11506 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11506
Description  Low-Cost, 6-Channel SD Plus HD/SD Selectable Video Filters and Buffers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11506 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11506 Datasheet HTML 1Page - Maxim Integrated Products MAX11506 Datasheet HTML 2Page - Maxim Integrated Products MAX11506 Datasheet HTML 3Page - Maxim Integrated Products MAX11506 Datasheet HTML 4Page - Maxim Integrated Products MAX11506 Datasheet HTML 5Page - Maxim Integrated Products MAX11506 Datasheet HTML 6Page - Maxim Integrated Products MAX11506 Datasheet HTML 7Page - Maxim Integrated Products MAX11506 Datasheet HTML 8Page - Maxim Integrated Products MAX11506 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low-Cost, 6-Channel SD Plus HD/SD
Selectable Video Filters and Buffers
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, RLOAD = 150Ω to GND, CIN = 0.1µF, TA = 0°C to +70°C, frequency response relative to 100kHz, unless otherwise
noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HIGH-DEFINITION VIDEO
-1dB Bandwidth
f1dB
TA = +25°C
23
30
MHz
-3dB Bandwidth
f3dB
33
MHz
f = 37.125MHz
4.0
f = 44.250MHz
13
Stopband Attenuation
ASB
f = 74.250MHz, TA = +25°C
32.0
46.0
dB
Low-Frequency Gain
AV
5.8
6.0
6.2
dB
VOUT = 1.4VP-P, f = 10MHz
0.4
VOUT = 1.4VP-P, f = 15MHz
0.4
Total Harmonic Distortion
THD
VOUT = 1.4VP-P, f = 22MHz
0.6
%
Channel-to-Channel Crosstalk
XTALK
f = 1MHz
-60
dB
Signal-to-Noise Ratio
SNR
Peak signal (2VP-P) to RMS noise, 100kHz, 30MHz
65
dB
Group-Delay Deviation
∆tg
f = 100kHz to 26MHz
15
ns
MAX11506 FREQUENCY RESPONSE
SD CHANNEL
FREQUENCY (MHz)
10
1
-40
-30
-60
-50
-20
-10
0
10
-70
0.1
100
MAX11506 PASSBAND RESPONSE
SD CHANNEL
FREQUENCY (MHz)
1
-2
0
-6
-4
2
4
-8
0.1
10
NORMALIZED TO ZERO AT 100kHz
MAX11507 FREQUENCY RESPONSE
SD CHANNEL
FREQUENCY (MHz)
10
1
-40
-30
-60
-50
-20
-10
0
10
-70
0.1
100
Typical Operating Characteristics
(VCC = 5V, RL = 150Ω to GND, output DC-coupled, TA = +25°C.)


Similar Part No. - MAX11506

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11506 MAXIM-MAX11506 Datasheet
177Kb / 7P
   Three Selectable 6th-Order 9MHz/33MHz SD/HD Filters
Rev 0; 5/08
MAX11506EVKIT MAXIM-MAX11506EVKIT Datasheet
177Kb / 7P
   Three Selectable 6th-Order 9MHz/33MHz SD/HD Filters
Rev 0; 5/08
MAX11506EVKIT++ MAXIM-MAX11506EVKIT+ Datasheet
177Kb / 7P
   Three Selectable 6th-Order 9MHz/33MHz SD/HD Filters
Rev 0; 5/08
More results

Similar Description - MAX11506

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
   HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
NCS2564DTBGEVB ONSEMI-NCS2564DTBGEVB Datasheet
222Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2011 ??Rev. 6
NCS2564 ONSEMI-NCS2564 Datasheet
220Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
logo
Texas Instruments
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7360 TI-THS7360 Datasheet
802Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
logo
Fairchild Semiconductor
FMS6407 FAIRCHILD-FMS6407 Datasheet
59Kb / 1P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
logo
Maxim Integrated Produc...
MAX11508 MAXIM-MAX11508 Datasheet
154Kb / 12P
   Low-Cost, 3-Channel, HD/PS/SD/BP Video Filters with Buffer
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com