Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9226ETE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9226ETE
Description  10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9226ETE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9226ETE Datasheet HTML 6Page - Maxim Integrated Products MAX9226ETE Datasheet HTML 7Page - Maxim Integrated Products MAX9226ETE Datasheet HTML 8Page - Maxim Integrated Products MAX9226ETE Datasheet HTML 9Page - Maxim Integrated Products MAX9226ETE Datasheet HTML 10Page - Maxim Integrated Products MAX9226ETE Datasheet HTML 11Page - Maxim Integrated Products MAX9226ETE Datasheet HTML 12Page - Maxim Integrated Products MAX9226ETE Datasheet HTML 13Page - Maxim Integrated Products MAX9226ETE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Applications Information
PCLKIN Latch Edge
The parallel data input of the MAX9225 serializer is
latched on the rising edge of PCLKIN. Figure 3 shows
the serializer input timing.
PCLKOUT Strobe
The serial-data output of the MAX9226 deserializer is
valid on the rising edge of PCLKOUT. Figure 4 shows
the deserializer output timing.
Power-Down and Power-Up
Driving PWRDN low puts the MAX9225 in power-down
mode and sends a pulse to power down the MAX9226.
In power-down mode, the DLL is stopped, SDO+/SDO-
are high impedance to ground and differential, and the
LCDS link is weakly biased around (VDD - 0.8V). With
PWRDN and all inputs low, the combined MAX9225/
MAX9226 supply current is reduced to 3.5µA or less.
Driving PWRDN high starts DLL lock to PCLKIN and ini-
tiates a MAX9226 power-up sequence. The MAX9225
LCDS output is not driven until the DLL locks. 11,264
clock cycles are required for the power-up and link syn-
chronization before valid DIN can be latched. See
Figure 6 for an overall power-up and power-down tim-
ing diagram. For normal operation, PCLKIN must be
running and settled before driving PWRDN high.
If VDD = 0, the LCDS outputs are high impedance to
ground and differential.
Ground-Shift Tolerance
The MAX9225/MAX9226 are designed to function nor-
mally in the event of a slight shift in ground potential.
However, the MAX9226 deserializer ground must be
within ±0.2V relative to the MAX9225 serializer ground
to maintain proper operation.
MAX9226 Output Buffer Supply (VDDO)
The MAX9226 parallel outputs are powered from VDDO,
which accepts a +1.71V to +3.465V supply, allowing
direct interface to inputs with 1.8V to 3.3V logic levels.
10-Bit, Low-Power, 10MHz-to-20MHz
Serializer and Deserializer Chipset
10
______________________________________________________________________________________
DIN[9:0]
PCLK IN
DIN
EXAMPLE
INPUT
PARALLEL DATA INPUT
LCDS SERIAL-DATA OUTPUT FOR EXAMPLE INPUT (SD0+/SDO-)
NOTE: OH1 AND OH2 ARE OPPOSITE POLARITY.
OH1
OH2
1
1
1
11
1
00
0
0
01
2
3
4
5
6
7
8
9
11
0
1
0
0
1
0
1
1
Figure 5. Multilevel LCDS Output Representation


Similar Part No. - MAX9226ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX922 MAXIM-MAX922 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX922 MAXIM-MAX922 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9220 MAXIM-MAX9220 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
MAX9220ETM MAXIM-MAX9220ETM Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
More results

Similar Description - MAX9226ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9223 MAXIM-MAX9223_V01 Datasheet
238Kb / 15P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
2007
MAX9223 MAXIM-MAX9223 Datasheet
271Kb / 13P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
Rev 0; 10/05
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
logo
ams AG
AS1160 AMSCO-AS1160 Datasheet
902Kb / 29P
   20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Texas Instruments
DS90UR124Q TI1-DS90UR124Q_14 Datasheet
1Mb / 36P
[Old version datasheet]   MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
logo
Fairchild Semiconductor
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com