Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6649MUA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6649MUA
Description  145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6649MUA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6649MUA Datasheet HTML 1Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 2Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 3Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 4Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 5Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 6Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 7Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 8Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+145°C Precision SMBus-Compatible Remote/
Local Sensors with Overtemperature Alarms
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Referenced to GND
VCC ...........................................................................-0.3V to +6V
DXP.............................................................-0.3V to (VCC + 0.3V)
DXN .......................................................................-0.3V to +0.8V
SCLK, SDA, ALERT, OVERT.....................................-0.3V to +6V
SDA, ALERT, OVERT Current .............................-1mA to +50mA
DXN Current .......................................................................±1mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.8mW/°C above +70°C) ..........387.8mW
ESD Protection (all pins, Human Body Model) ................±2000V
Junction Temperature ......................................................+150°C
Operating Temperature Range .........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 5.5V, TA = -55°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V and TA = +100°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
5.5
V
0.125
°C
Temperature Resolution
11
Bits
VCC = 3.3V, TA = +100°C,
TRJ = +60°C to +145°C
-1.0
+1.0
VCC = 3.3V, TA = +60°C to +100°C,
TRJ = +25°C to +145°C
-1.6
+1.6
Remote Temperature Error
VCC = 3.3V, TA = +0°C to +100°C,
TRJ = +0°C to +145°C
-3.2
+3.2
°C
TA = +60°C to +100°C
-2.0
+2.0
Local Temperature Error
VCC = 3.3V
TA = 0°C to +125°C
-3.0
+3.0
°C
Supply Sensitivity of Temperature
Error
±0.2
°C/V
Undervoltage Lockout (UVLO)
Threshold
UVLO
Falling edge of VCC disables ADC
2.4
2.7
2.95
V
UVLO Hysteresis
90
mV
Power-On-Reset (POR) Threshold
VCC falling edge
2.0
V
POR Threshold Hysteresis
90
mV
Standby Supply Current
SMBus static
3
12
µA
Operating Current
During conversion
0.08
mA
0.25 conversions per second
40
80
Average Operating Current
2 conversions per second
250
400
µA
Conversion Time
tCONV
From stop bit to conversion completion
95
125
156
ms
Conversion Time Error
-25
+25
%
DXP and DXN Leakage Current
Standby mode
100
nA
High level
80
100
120
Remote-Diode Source Current
IRJ
Low level
8
10
12
µA


Similar Part No. - MAX6649MUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6649MUA MAXIM-MAX6649MUA Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6649MUA++ MAXIM-MAX6649MUA+ Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
More results

Similar Description - MAX6649MUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com