Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8804VETA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8804VETA
Description  High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8804VETA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8804VETA Datasheet HTML 3Page - Maxim Integrated Products MAX8804VETA Datasheet HTML 4Page - Maxim Integrated Products MAX8804VETA Datasheet HTML 5Page - Maxim Integrated Products MAX8804VETA Datasheet HTML 6Page - Maxim Integrated Products MAX8804VETA Datasheet HTML 7Page - Maxim Integrated Products MAX8804VETA Datasheet HTML 8Page - Maxim Integrated Products MAX8804VETA Datasheet HTML 9Page - Maxim Integrated Products MAX8804VETA Datasheet HTML 10Page - Maxim Integrated Products MAX8804VETA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
High-Voltage, Dual-Input, USB/AC
Adapter Chargers in 2mm x 3mm TDFN
_______________________________________________________________________________________
7
Pin Description
PIN
MAX8804V/
MAX8804W
MAX8804Y/
MAX8804Z
NAME
FUNCTION
1
1
BAT
Battery Connection. The IC delivers charging current and monitors battery voltage
using BAT. Bypass BAT to GND with a 2.2µF or larger ceramic capacitor. BAT is high
impedance when the IC is disabled.
2
DETBAT
Battery Pack Detection Input. Drive DETBAT low or connect it to GND to allow SET to
control the charger. Leave DETBAT unconnected to disable any charge mode.
—2
USBPWR
USB Input Detection Output. USBPWR is internally pulled low if a valid voltage is
present at USB, otherwise it is high impedance. USBPWR circuitry is active regardless
of SET and charger on/off status.
33
POK
Power-OK Monitor. POK is an open-drain output that is internally pulled low when a
valid charging source is detected at either DC or USB. POK is high impedance when
both input voltages are less than VUVLO or VBAT.
44
DC
DC Input Supply. Connect DC to a 4.15V to 7V charging source. Bypass DC to GND
with a 1µF or larger ceramic capacitor. DC takes priority over USB when both are valid.
5
5
USB
USB Input Source. Connect USB to a USB port. Bypass USB to GND with a 1µF or
larger ceramic capacitor.
66
CHG
Charging-Status Output. CHG is internally pulled low when the battery is being
charged. CHG is high impedance when the charger is in top-off mode or disabled.
7
7
SET
Enable/Disable, Charging Current, and Top-Off Threshold Set Input. Drive SET low to
enable DC charge mode and drive high to enable USB charge mode. If both DC and
USB inputs are present, SET is used for the DC charge mode only and USB charge is
disabled. SET is also used for programming the charge current and top-off threshold.
See the DC/USB Mode and Charging Current Setting section for details.
8
8
GND
Ground
EP
Exposed Paddle. Connect to the GND plane for optimum thermal dissipation.


Similar Part No. - MAX8804VETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8804VETA++ MAXIM-MAX8804VETA+ Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
2008
More results

Similar Description - MAX8804VETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8804W MAXIM-MAX8804W Datasheet
217Kb / 17P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 1; 10/07
MAX8804Z MAXIM-MAX8804Z Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
2008
MAX8804Y MAXIM-MAX8804Y Datasheet
207Kb / 15P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 0; 4/07
MAX8804V MAXIM-MAX8804V Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8586 MAXIM-MAX8586_09 Datasheet
298Kb / 13P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586 MAXIM-MAX8586 Datasheet
245Kb / 11P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 0; 11/04
logo
Linear Technology
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Maxim Integrated Produc...
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com