Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6648 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6648
Description  Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6648 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6648_08 Datasheet HTML 4Page - Maxim Integrated Products MAX6648_08 Datasheet HTML 5Page - Maxim Integrated Products MAX6648_08 Datasheet HTML 6Page - Maxim Integrated Products MAX6648_08 Datasheet HTML 7Page - Maxim Integrated Products MAX6648_08 Datasheet HTML 8Page - Maxim Integrated Products MAX6648_08 Datasheet HTML 9Page - Maxim Integrated Products MAX6648_08 Datasheet HTML 10Page - Maxim Integrated Products MAX6648_08 Datasheet HTML 11Page - Maxim Integrated Products MAX6648_08 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Precision SMBus-Compatible Remote/Local
Temperature Sensors with Overtemperature Alarms
8
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
SMBCLK
A = START CONDITION
B = MSB OF ADDRESS CLOCKED INTO SLAVE
C = LSB OF ADDRESS CLOCKED INTO SLAVE
D = R/W BIT CLOCKED INTO SLAVE
AB
C
D
E
FG
HI
J
SMBDATA
tSU:STA tHD:STA
tLOW
tHIGH
tSU:DAT
tSU:STO tBUF
LM
K
E = SLAVE PULLS SMBDATA LINE LOW
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER
G = MSB OF DATA CLOCKED INTO SLAVE
H = LSB OF DATA CLOCKED INTO SLAVE
I = MASTER PULLS DATA LINE LOW
J = ACKNOWLEDGE CLOCKED INTO SLAVE
K = ACKNOWLEDGE CLOCK PULSE
L = STOP CONDITION
M = NEW START CONDITION
Figure 3. SMBus Read Timing Diagram
Alarm Threshold Registers
Four registers store ALERT threshold values—one high-
temperature (THIGH) and one low-temperature (TLOW)
register each for the local and remote channels. If
either measured temperature equals or exceeds the
corresponding ALERT threshold value, the ALERT inter-
rupt asserts.
The power-on-reset (POR) state of both ALERT THIGH
registers is full scale (0101 0101, or +85°C). The POR
state of both TLOW registers is 0000 0000, or 0°C.
Two additional registers store remote and local alarm
threshold data corresponding to the OVERT output. The
values stored in these registers are high-temperature
thresholds. If either of the measured temperatures
equals or exceeds the corresponding alarm threshold
value, an OVERT output asserts. The POR state of the
OVERT threshold is 0110 1110 or +110°C for the
MAX6648, and 0101 0101 or +85°C for the MAX6692.
Diode Fault Alarm
A continuity fault detector at DXP detects an open cir-
cuit between DXP and DXN, or a DXP short to VCC,
GND, or DXN. If an open or short circuit exists, the
external temperature register is loaded with 1000 0000.
If the fault is an open-circuit fault bit 2 (OPEN) of the
status byte, it is set to 1 and the ALERT condition is
activated at the end of the conversion. Immediately
after POR, the status register indicates that no fault is
present. If a fault is present upon power-up, the fault is
not indicated until the end of the first conversion.
ALERT Interrupts
The ALERT interrupt occurs when the internal or exter-
nal temperature reading exceeds a high- or low-tem-
perature limit (user programmed) or when the remote
diode is disconnected (for continuity fault detection).
The ALERT interrupt output signal is latched and can
be cleared only by either reading the status register or
by successfully responding to an alert response
address. In both cases, the alert is cleared only if the
fault condition no longer exists. Asserting ALERT does
not halt automatic conversion. The ALERT output pin is
open drain, allowing multiple devices to share a com-
mon interrupt line.
The MAX6648/MAX6692 respond to the SMBus alert
response address, an interrupt pointer return-address
feature (see the
Alert Response Address section). Prior
to taking corrective action, always check to ensure that
an interrupt is valid by reading the current temperature.
Fault Queue Register
In some systems, it may be desirable to ignore a single
temperature measurement that falls outside the ALERT
limits. Bits 2 and 3 of the fault queue register (address
22h) determine the number of consecutive temperature
faults necessary to set ALERT (see Tables 3 and 4).
Alert Response Address
The SMBus alert response interrupt pointer provides
quick fault identification for simple slave devices that
lack the complex, expensive logic needed to be a bus
master. Upon receiving an ALERT interrupt signal, the
host master can broadcast a receive byte transmission
to the alert response slave address (0001 100).
Following such a broadcast, any slave device that gen-
erated an interrupt attempts to identify itself by putting
its own address on the bus.
The alert response can activate several different slave
devices simultaneously, similar to the I2C general call. If
more than one slave attempts to respond, bus arbitration
rules apply, and the device with the lower address
code wins. The losing device does not generate an


Similar Part No. - MAX6648_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6648-MAX6692 MAXIM-MAX6648-MAX6692 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6648MUA MAXIM-MAX6648MUA Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
More results

Similar Description - MAX6648_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com