Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4827ELT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4827ELT
Description  50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4827ELT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4827ELT Datasheet HTML 1Page - Maxim Integrated Products MAX4827ELT Datasheet HTML 2Page - Maxim Integrated Products MAX4827ELT Datasheet HTML 3Page - Maxim Integrated Products MAX4827ELT Datasheet HTML 4Page - Maxim Integrated Products MAX4827ELT Datasheet HTML 5Page - Maxim Integrated Products MAX4827ELT Datasheet HTML 6Page - Maxim Integrated Products MAX4827ELT Datasheet HTML 7Page - Maxim Integrated Products MAX4827ELT Datasheet HTML 8Page - Maxim Integrated Products MAX4827ELT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX4826–MAX4831 family of switches has internal
current limiting to prevent host devices from being
damaged due to faulty load conditions. These analog
switches have a low 0.7
Ω on-resistance and operate
from a +2.3V to +5.5V input voltage range. These
devices are available with guaranteed 50mA and
100mA current limits, making them ideal for load-
switching applications. In addition to the current-limit
fault flag (FFLG), an open-drain no-load flag indicator
(NOLD) notifies the system when the current through
the switch is less than 10mA (MAX4826–MAX4829), or
5mA (MAX4830/MAX4831).
When the switch is on and a load is connected to the
port, a guaranteed blanking time of 14ms ensures that
the transient voltages settle down. If, after this blanking
time, the load current is greater than the current limit,
the MAX4826/MAX4828/MAX4830 enter a latchoff state
where the switch is turned off, and FFLG is issued to
the microprocessor. The switch can be turned on again
by cycling the power or ON.
The MAX4827/MAX4829/MAX4831 have an autoretry
feature where the switch turns off after the blanking
time, and then continuously checks to see if the over-
load condition is present. The current-limit fault flag
(FFLG) is issued and remains low until after the fault
condition is removed. The switch remains on after the
overload condition disappears.
The MAX4826–MAX4831 operate over the extended
-40°C to +85°C temperature range, and are available in a
tiny space-saving, 1mm x 1.5mm, 6-pin µDFN package.
Features
♦ Guaranteed Current Limit: 50mA, 100mA
♦ Thermal Shutdown Protection
♦ Reverse-Current Protection
♦ 0.7Ω On-Resistance (MAX4826–MAX4831)
♦ 14ms Guaranteed Blanking Time
♦ Fault Flag (FFLG)
♦ No-Load Flag (NOLD)
♦ 65µA Supply Current
♦ 8µA Latchoff Current
♦ 0.01µA Shutdown Current
♦ +2.3V to +5.5V Supply Range
♦ Undervoltage Lockout
♦ Fast Current-Limit Response Time
♦ 6-Pin µDFN Package (1mm x 1.5mm)
Applications
GPS Systems
Cell Phones
Digital Still Cameras
PDAs and Palmtop Devices
MP3 Players
50mA/100mA Current-Limit Switches with
NO-LOAD Flag in µDFN
________________________________________________________________
Maxim Integrated Products
1
Ordering Information/Selector Guide
19-3672; Rev 1; 8/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
PIN-PACKAGE
MIN FULL-LOAD
LIMIT
(mA)
MAX NO-LOAD
LIMIT
(mA)
ON-RESISTANCE
( )
TA = +25°C
MODE
TOP
MARK
MAX4826ELT+T
6 μDFN
50
10
1
Latchoff
AK
MAX4827ELT+T*
6 μDFN
50
10
1
Autoretry
AL
MAX4828ELT+T*
6 μDFN
100
10
1
Latchoff
AM
MAX4829ELT+T
6 μDFN
100
10
1
Autoretry
AN
MAX4830ELT+T
6 μDFN
50
5
2
Latchoff
AO
MAX4830ELT/V+T
6 μDFN
50
5
2
Latchoff
OX
MAX4831ELT+T*
6 μDFN
50
5
2
Autoretry
AP
Note: All devices operate over the -40°C to +85°C operating range.
T = Tape and reel.
*Future product—contact factory for availability.
/V denotes an automotive qualified part.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX4827ELT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4827ELT MAXIM-MAX4827ELT Datasheet
612Kb / 10P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
Rev 0; 5/05
MAX4827ELT+T MAXIM-MAX4827ELT+T Datasheet
1Mb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
2019
More results

Similar Description - MAX4827ELT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4826 MAXIM-MAX4826_V01 Datasheet
1Mb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
2019
MAX4826 MAXIM-MAX4826 Datasheet
612Kb / 10P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
Rev 0; 5/05
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
logo
Fairchild Semiconductor
FPF2024 FAIRCHILD-FPF2024 Datasheet
745Kb / 17P
   Full Functional Load Switch With 100mA Current Limit
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A_09 Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A_10 Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995A MAXIM-MAX4995A Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com