Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4800CXZ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4800CXZ
Description  Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4800CXZ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4800CXZ Datasheet HTML 1Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 2Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 3Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 4Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 5Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 6Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 7Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 8Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Charge Injection,
8-Channel, High-Voltage Analog Switches
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS
(VDD = +2.7V to +13.2V, VPP = +40V to VNN + 200V, VNN = -15V to -160V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Turn-On Time
tON
VNO_ = VPP - 10V, RL = 10k
Ω, VNN = -40V
to -160V
5µs
Turn-Off Time
tOFF
VNO_ = VPP - 10V, RL = 10k
Ω, VNN = -40V
to -160V
5µs
Output Switching Frequency
fSW
Duty cycle = 50%
50
kHz
Maximum VCOM_, VNO_ Slew
Rate
dV/dt
(Note 3)
20
V/ns
LOGIC TIMING (Figure 1)
VDD
≥ +4.5V
5
Daisy chaining
VDD
≤ +4.5V
2.5
VDD
≥ +4.5V
10
CLK Frequency
fCLK
No daisy chaining
VDD < +4.5V
4
MHz
VDD
≥ +4.5V
15
DIN to CLK Setup Time
tDS
VDD < +4.5V
40
ns
VDD
≥ +4.5V
35
DIN to CLK Hold Time
tDH
VDD < +4.5V
60
ns
VDD
≥ +4.5V
150
CLK to LE Setup Time
tCS
VDD < +4.5V
300
ns
VDD
≥ +4.5V
150
LE Low-Pulse Width
tWL
VDD < +4.5V
300
ns
VDD
≥ +4.5V
150
CLR High-Pulse Width
tWC
VDD < +4.5V
300
ns
VDD
≥ +4.5V (Note 3)
1
CLK Rise and Fall Times
tR, tF
VDD < +4.5V (Note 3)
1
µs
TA = 0°C
55
150
TA = +25°C
60
150
VDD = +5V ±10%,
CL
≤ 50pF
TA = +70°C
70
150
CLK to DOUT Delay
tDO
VDD = +3V ±10%,
CL
≤ 50pF
TA = TMIN to TMAX
70
280
ns
Note 1: Specifications at 0°C are guaranteed by correlation and design. Electrical parameters are tested at worst case conditions.
Note 2: The analog signal input VCOM_ and VNO_ must satisfy VNN
≤ (VCOM_, VNO_) ≤ VPP, or remain unconnected during power-up
and power-down.
Note 3: Guaranteed by characterization; not production tested.


Similar Part No. - MAX4800CXZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800CXZ MAXIM-MAX4800CXZ Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
More results

Similar Description - MAX4800CXZ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Supertex, Inc
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com