Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6644LBAAEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6644LBAAEE
Description  Automatic PWM Fan-Speed Controllers with Overtemperature Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6644LBAAEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6644LBAAEE Datasheet HTML 4Page - Maxim Integrated Products MAX6644LBAAEE Datasheet HTML 5Page - Maxim Integrated Products MAX6644LBAAEE Datasheet HTML 6Page - Maxim Integrated Products MAX6644LBAAEE Datasheet HTML 7Page - Maxim Integrated Products MAX6644LBAAEE Datasheet HTML 8Page - Maxim Integrated Products MAX6644LBAAEE Datasheet HTML 9Page - Maxim Integrated Products MAX6644LBAAEE Datasheet HTML 10Page - Maxim Integrated Products MAX6644LBAAEE Datasheet HTML 11Page - Maxim Integrated Products MAX6644LBAAEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Applications Information
Figures 3–6 show various configurations.
Remote-Diode Considerations
When using an external thermal diode, temperature
accuracy depends upon having a good-quality, diode-
connected, small-signal transistor. Accuracy has been
experimentally verified for a variety of discrete small-
signal transistors, some of which are listed in Table 5.
The MAX6643/MAX6644/MAX6645 can also directly
measure the die temperature of CPUs and other ICs
with on-board temperature-sensing diodes.
The transistor must be a small-signal type with a rela-
tively high forward voltage. This ensures that the input
voltage is within the ADC input voltage range. The for-
ward voltage must be greater than 0.25V at 10µA at the
highest expected temperature. The forward voltage
must be less than 0.95V at 100µA at the lowest expect-
ed temperature. The base resistance has to be less
than 100
Ω. Tight specification of forward-current gain
(+50 to +150, for example) indicates that the manufac-
turer has good process control and that the devices
have consistent characteristics.
Effect of Ideality Factor
The accuracy of the remote temperature measurements
depends on the ideality factor (n) of the remote diode
(actually a transistor). The MAX6643/MAX6644/MAX6645
are optimized for n = 1.01, which is typical of many dis-
crete 2N3904 and 2N3906 transistors. It is also near the
ideality factors of many widely available CPUs, GPUs, and
FPGAs. However, any time a sense transistor with a differ-
ent ideality factor is used, the output data is different.
Fortunately, the difference is predictable. Assume a
remote-diode sensor designed for a nominal ideality fac-
tor nNOMINAL is used to measure the temperature of a
diode with a different ideality factor, n1. The measured
temperature TM can be corrected using:
where temperature is measured in Kelvin.
As mentioned above, the nominal ideality factor of the
MAX6643/MAX6644/MAX6645 is 1.01. As an example,
assume the MAX6643/MAX6644/MAX6645 are config-
ured with a CPU that has an ideality factor of 1.008. If
the diode has no series resistance, the measured data
is related to the real temperature as follows:
For a real temperature of +60°C (333.15K), the mea-
sured temperature is 59.33°C (332.49K), which is an
error of -0.66°C.
TT
n
n
T
1.01
1.008
T
ACTUAL
M
NOMINAL
1
MM
=
⎝⎜
⎠⎟
=
⎝⎜
⎠⎟
=
()
.
1 00198
TT
n
n
M
ACTUAL
1
NOMINAL
=
⎝⎜
⎠⎟
Automatic PWM Fan-Speed Controllers with
Overtemperature Output
8
_______________________________________________________________________________________
MANUFACTURER
MODEL NO.
Central Semiconductor (USA)
CMPT3906
Rohm Semiconductor (USA)
SST3906
Samsung (Korea)
KST3906-TF
Siemens (Germany)
SMBT3906
Table 5. Remote-Sensor Transistor
Manufacturers
OT2
OT1
TOVERT (°C)
L SUFFIX
00
60
0
High-Z
65
01
70
High-Z
0
75
High-Z
High-Z
80
High-Z
1
85
10
90
1
High-Z
95
1
1
100
Table 4. Setting the Overtemperature
Thresholds (TOVERT) (MAX6643 and MAX6644)
Table 3. Configuring the FAN_IN_ Inputs with TACHSET
VDD
GND
UNCONNECTED
TACHSET
FAN_IN1
FAN_IN2
FAN_IN1
FAN_IN2
FAN_IN1
FAN_IN2
MAX6643
Tachometer
Tachometer
Do not connect
to GND
Do not connect
to GND
Disables fan-
failure detection
Disables fan-
failure detection
MAX6644
Tachometer
Tachometer
Current sense
Current sense
Locked rotor
Locked rotor
MAX6645
Tachometer
Tachometer
Current sense
Current sense
Locked rotor
Locked rotor
High-Z = high impedance


Similar Part No. - MAX6644LBAAEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6644LBAAEE MAXIM-MAX6644LBAAEE Datasheet
762Kb / 18P
   Automatic PWM Fan-Speed Controllers with Overtemperature Output
2021
More results

Similar Description - MAX6644LBAAEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6643 MAXIM-MAX6643_V01 Datasheet
762Kb / 18P
   Automatic PWM Fan-Speed Controllers with Overtemperature Output
2021
logo
Microchip Technology
TC646BEPA MICROCHIP-TC646BEPA Datasheet
728Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown
03/25/03
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
TC664 MICROCHIP-TC664 Datasheet
695Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC654 MICROCHIP-TC654_14 Datasheet
580Kb / 38P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
03/25/14
TC654 MICROCHIP-TC654 Datasheet
706Kb / 36P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642B MICROCHIP-TC642B_13 Datasheet
563Kb / 36P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
logo
Maxim Integrated Produc...
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com