Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4826 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4826
Description  50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4826 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4826_09 Datasheet HTML 2Page - Maxim Integrated Products MAX4826_09 Datasheet HTML 3Page - Maxim Integrated Products MAX4826_09 Datasheet HTML 4Page - Maxim Integrated Products MAX4826_09 Datasheet HTML 5Page - Maxim Integrated Products MAX4826_09 Datasheet HTML 6Page - Maxim Integrated Products MAX4826_09 Datasheet HTML 7Page - Maxim Integrated Products MAX4826_09 Datasheet HTML 8Page - Maxim Integrated Products MAX4826_09 Datasheet HTML 9Page - Maxim Integrated Products MAX4826_09 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Detailed Description
The MAX4826–MAX4831 are forward-/reverse-current-
limited switches that operate from a +2.3V to +5.5V
input voltage range and guarantee a 50mA and 100mA
minimum current-limit threshold for different options.
The voltage drop across an internal sense resistor is
compared to two reference voltages to indicate a for-
ward- or reverse-current-limit fault. When the load cur-
rent exceeds the preset current limit for greater than
the fault-blanking time, the switch opens.
The MAX4827/MAX4829/MAX4831 have an autoretry
function that turns on the switch again after an internal
retry time expires. If the faulty load condition is still pre-
sent after the blanking time, the switch turns off again
and the cycle is repeated. If the faulty load condition is
not present, the switch remains on.
The MAX4826/MAX4828/MAX4830 do not have the
autoretry option, and the switch remains in latchoff mode
until ON or the input power is cycled from high to low
and then high again.
The undervoltage lockout (UVLO) circuit prevents erro-
neous switch operation when the input voltage goes too
low during startup conditions.
Reverse-Current Protection
The MAX4826–MAX4831 limit the reverse current (VOUT
to VIN) from exceeding the maximum IREV value. The
switch is shut off and FFLG is asserted if the reverse-
current-limit condition persists for more than the blank-
ing time. This feature prevents excessive reverse cur-
rents from flowing through the device.
Switch-On/Off Control
Toggle ON high to enable the current-limited switches.
The switches are continuously on only if VIN exceeds
the UVLO threshold (typically 2V) and there is no fault.
When a forward-/reverse-current fault is present or the
die exceeds the thermal-shutdown temperature of
+150°C, OUT is internally disconnected from IN, and
the supply current decreases to 8µA (latchoff). The
switch is now operating in one of its off states. The
switch off state also occurs when driving ON low, thus
reducing the supply current (shutdown) to 0.01µA.
Table 1 illustrates the ON/OFF state of the MAX4826–
MAX4831 current-limit switches.
50mA/100mA Current-Limit Switches with
NO-LOAD Flag in µDFN
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
IN
Input. Bypass IN with a 0.1µF ceramic capacitor to ground.
2
GND
Ground
3
OUT
Switch Output. Bypass OUT with a 0.1µF capacitor to ground
4
FFLG
Current-Limit Fault Output. FFLG is an open-drain output. FFLG goes low when the device stays in
forward- or reverse-current limit for more than the blanking time period. FFLG is high impedance
when a fault is not present or when ON is low.
5
NOLD
No-Load Flag Output. NOLD is an open-drain output. NOLD goes low when a load of less than 10mA
(MAX4826–MAX4829) or 5mA (MAX4830/MAX4831) is delivered to the output. NOLD is high
impedance when a fault is not present or when ON is low.
6
ON
Active-High Switch-On Input. Drive ON high to turn the switch on.
ON
FAULT
SWITCH ON/OFF
SUPPLY CURRENT MODE
Low
X
OFF
Shutdown
High
Undervoltage lockout
OFF
Latchoff
High
Thermal
OFF immediately (tBLANK period does not apply).
Latchoff
OFF after tBLANK period has elapsed.
Latchoff
High
Current limit
ON during tBLANK period, OFF during tRETRY period for the
MAX4827/MAX4829/MAX4831. Cycle repeats until fault is
removed.
See the Autoretry (MAX4827/
MAX4829/MAX4831) section
Table 1. MAX4826–MAX4831 Switch Truth Table


Similar Part No. - MAX4826_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4826ELT MAXIM-MAX4826ELT Datasheet
612Kb / 10P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
Rev 0; 5/05
MAX4826ELT+T MAXIM-MAX4826ELT+T Datasheet
1Mb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
2019
MAX4826 MAXIM-MAX4826_V01 Datasheet
1Mb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
2019
More results

Similar Description - MAX4826_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4826 MAXIM-MAX4826_V01 Datasheet
1Mb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
2019
MAX4826 MAXIM-MAX4826 Datasheet
612Kb / 10P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
Rev 0; 5/05
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
logo
Fairchild Semiconductor
FPF2024 FAIRCHILD-FPF2024 Datasheet
745Kb / 17P
   Full Functional Load Switch With 100mA Current Limit
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A_09 Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A_10 Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995A MAXIM-MAX4995A Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com