Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5441BEUA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5441BEUA
Description  3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5441BEUA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5441BEUA Datasheet HTML 1Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 2Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 3Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 4Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 5Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 6Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 7Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 8Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX5441–MAX5444 are serial-input, voltage-out-
put, 16-bit digital-to-analog converters (DACs) in tiny
µMAX® packages, 50% smaller than comparable DACs
in 8-pin SOs. They operate from low +3V (MAX5443/
MAX5444) or +5V (MAX5441/MAX5442) single sup-
plies. They provide 16-bit performance (±2LSB INL and
±1LSB DNL) over temperature without any adjustments.
Unbuffered DAC outputs result in a low supply current
of 120µA and a low offset error of 2LSB.
The DAC output ranges from 0 to VREF. For bipolar
operation, matched scaling resistors are provided in
the MAX5442/MAX5444 for use with an external preci-
sion op amp (such as the MAX400), generating a
±VREF output swing.
A 16-bit serial word is used to load data into the DAC
latch. The 25MHz, 3-wire serial interface is compatible
with SPI™/QSPI™/MICROWIRE™, and can interface
directly with optocouplers for applications requiring isola-
tion. A power-on reset circuit clears the DAC output to
code 0 (MAX5441/MAX5443) or code 32768 (MAX5442
/MAX5444) when power is initially applied.
A logic low on CLR asynchronously clears the DAC out-
put to code 0 (MAX5441/MAX5443) or code 32768
(MAX5442/MAX5444) independent of the serial interface.
The MAX5441/MAX5443 are available in 8-pin µMAX
packages. The MAX5442/MAX5444 are available in 10-
pin µMAX packages.
Applications
High-Resolution Offset and Gain Adjustment
Industrial Process Control
Automated Test Equipment
Data-Acquisition Systems
Features
♦ Ultra-Small 3mm x 5mm 8-Pin µMAX Package
♦ Low 120µA Supply Current
♦ Fast 1µs Settling Time
♦ 25MHz SPI/QSPI/MICROWIRE-Compatible Serial
Interface
♦ VREF Range Extends to VDD
♦ +5V (MAX5441/MAX5442) or +3V
(MAX5443/MAX5444) Single-Supply Operation
♦ Full 16-Bit Performance Without Adjustments
♦ Unbuffered Voltage Output Directly Drives
60kΩ Loads
♦ Power-On Reset Circuit Clears DAC Output to
Code 0 (MAX5441/MAX5443) or Code 32768
(MAX5442/MAX5444)
♦ Schmitt-Trigger Inputs for Direct Optocoupler
Interface
♦ Asynchronous CLR
+3V/+5V, Serial-Input,
Voltage-Output, 16-Bit DACs
________________________________________________________________
Maxim Integrated Products
1
10
9
8
7
6
1
2
3
4
5
GND
VDD
RFB
INV
DIN
SCLK
CS
REF
TOP VIEW
MAX5442
MAX5444
OUT
CLR
µMAX-8
OUT
SCLK
CS
1
2
8
7 VDD
DIN
REF
MAX5441
MAX5443
3
4
6
5
µMAX-10
GND
CLR
Pin Configurations
19-1846; Rev 2; 10/07
Ordering Information
µMAX is a registered trademark of Maxim Integrated Products, Inc.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
PART
TEMP RANGE
PIN-PACKAGE
INL (LSB)
SUPPLY (V)
MAX5441ACUA
0
°C to +70°C
8 µMAX
±2
5
MAX5441AEUA
-40
°C to +85°C
8 µMAX
±25
MAX5441BCUA
0
°C to +70°C
8 µMAX
±45
MAX5441BEUA
-40
°C to +85°C
8 µMAX
±4
5
MAX5442ACUB
0
°C to +70°C
10 µMAX
±25
MAX5442AEUB
-40
°C to +85°C
10 µMAX
±2
5
MAX5442BCUB
0
°C to +70°C
10 µMAX
±45
MAX5442BEUB
-40
°C to +85°C
10 µMAX
±4
5
Functional Diagrams appear at end of data sheet.
Ordering Information continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX5441BEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5441BEUA MAXIM-MAX5441BEUA Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5441BEUA MAXIM-MAX5441BEUA Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5441BEUA MAXIM-MAX5441BEUA Datasheet
1Mb / 13P
   MAX544X Evaluation Kit
Rev 0; 5/12
MAX5441BEUA++ MAXIM-MAX5441BEUA+ Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results

Similar Description - MAX5441BEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
logo
Maxim Integrated Produc...
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com