Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5184BEEG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5184BEEG
Description  10-Bit, 40MHz, Current/Voltage-Output DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5184BEEG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5184BEEG Datasheet HTML 2Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 3Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 4Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 5Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 6Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 7Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 8Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 9Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
10-Bit, 40MHz, Current/Voltage-Output DACs
6
_______________________________________________________________________________________
66
68
72
70
76
74
78
500
1300
900
1700
2100
OUTPUT FREQUENCY (kHz)
SPURIOUS-FREE DYNAMIC RANGE vs.
OUTPUT FREQUENCY AND CLOCK FREQUENCY
fCLK = 40MHz
fCLK = 20MHz
fCLK = 50MHz
fCLK = 30MHz
fCLK = 10MHz
fCLK = 60MHz
62.4
62.0
62.2
61.4
61.6
61.2
61.0
61.8
60.8
0
1500
500
1000
2000
2500
SIGNAL-TO-NOISE PLUS DISTORTION
vs. OUTPUT FREQUENCY
OUPUT FREQUENCY (kHz)
-140
-100
-120
-60
-80
-20
0
-40
20
06
4
210
814
12
18
16
20
OUTPUT FREQUENCY (MHz)
MULTITONE SPURIOUS-FREE DYNAMIC RANGE
vs. OUTPUT FREQUENCY
60
62
64
66
68
70
72
74
0.5
0.75
1.0
1.25
1.5
SPURIOUS-FREE DYNAMIC RANGE
vs. FULL-SCALE OUTPUT CURRENT
FULL-SCALE OUTPUT CURRENT (mA)
Typical Operating Characteristics (continued)
(AVDD = DVDD = 3V, VAGND = VDGND = 0V, IFS = 1mA, 400
Ω differential output, CL = 5pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5184BEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5184BEEG MAXIM-MAX5184BEEG Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
More results

Similar Description - MAX5184BEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
   Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com