Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5184BEEG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5184BEEG
Description  10-Bit, 40MHz, Current/Voltage-Output DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5184BEEG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5184BEEG Datasheet HTML 5Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 6Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 7Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 8Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 9Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 10Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 11Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 12Page - Maxim Integrated Products MAX5184BEEG Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
10-Bit, 40MHz, Current/Voltage-Output DACs
_______________________________________________________________________________________
9
reference output-current resistor (RSET = 9.6k
Ω) sets
IREF to 125µA and IFS to 1mA.
External Reference
To disable the MAX5181/MAX5184’s internal reference,
connect
REN to DVDD. A temperature-stable, external
reference may now be applied to drive the REFO pin to
set the full-scale output (Figure 3). Choose a reference
capable of supplying at least 150µA to drive the bias
circuit that generates the cascode current for the cur-
rent array. For improved accuracy and drift perfor-
mance, choose a fixed output voltage reference such
as the 1.2V, 25ppm/°C MAX6520 bandgap reference.
Standby Mode
To enter the lower-power standby mode, connect digital
inputs PD and DACEN to DGND. In standby, both the
reference and the control amplifier are active with the
current array inactive. To exit this condition, DACEN
must be pulled high with PD held at DGND. The
MAX5181/MAX5184 typically require 50µs to wake up
and let both outputs and the reference settle.
Shutdown Mode
For lowest power consumption, the MAX5181/MAX5184
provide a power-down mode in which the reference, con-
trol amplifier, and current array are inactive and the DAC
supply current is reduced to 1µA. To enter this mode,
connect PD to DVDD. To return to active mode, connect
PD to DGND and DACEN to DVDD. About 50µs are
required for the parts to leave shutdown mode and settle
to their outputs’ values prior to shutdown. Table 1 lists the
power-down mode selection.
Timing Information
Figure 4 shows a detailed timing diagram for the
MAX5181/MAX5184. With each high transition of the
clock, the input latch is loaded with the digital value set
by bits D9 through D0. The content of the input latch is
then shifted to the DAC register, and the output up-
dates at the rising edge of the next clock.
Outputs
The MAX5181 output is designed to supply full-scale
output currents of 1mA into 400
Ω loads in parallel with
a capacitive load of 5pF. The MAX5184 features inte-
grated 400
Ω resistors that restore the array current to
proportional, differential voltages of 400mV. These dif-
ferential output voltages can then be used to drive a
balun transformer or a low-distortion, high-speed oper-
ational amplifier to convert the differential voltage into a
single-ended voltage.
RSET**
9.6k
Ω
IFS
RSET
CCOMP*
REFR
AGND
AGND
DGND
IREF
REFO
MAX4040
RSET
1.2V
BANDGAP
REFERENCE
REN
CURRENT-
SOURCE ARRAY
*COMPENSATION CAPACITOR (CCOMP = 100nF)
**9.6k
ΩREFERENCE CURRENT-SET RESISTOR
INTERNAL TO MAX5184 ONLY. USE EXTERNAL
RSET FOR MAX5181.
OPTIONAL EXTERNAL BUFFER
FOR HEAVIER LOADS
MAX5181
MAX5184
Figure 2. Setting IFS with the Internal 1.2V Reference and the Control Amplifier


Similar Part No. - MAX5184BEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5184BEEG MAXIM-MAX5184BEEG Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
More results

Similar Description - MAX5184BEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
   Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com