Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11501 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11501
Description  Three-Channel, Standard-Definition Video Filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11501 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11501 Datasheet HTML 3Page - Maxim Integrated Products MAX11501 Datasheet HTML 4Page - Maxim Integrated Products MAX11501 Datasheet HTML 5Page - Maxim Integrated Products MAX11501 Datasheet HTML 6Page - Maxim Integrated Products MAX11501 Datasheet HTML 7Page - Maxim Integrated Products MAX11501 Datasheet HTML 8Page - Maxim Integrated Products MAX11501 Datasheet HTML 9Page - Maxim Integrated Products MAX11501 Datasheet HTML 10Page - Maxim Integrated Products MAX11501 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Three-Channel,
Standard-Definition Video Filters
_______________________________________________________________________________________
7
Standard-Definition Filters
The MAX11501/MAX11502 filters are optimized to deliver
a flat (MAX11501) or high-frequency boosted (MAX11502)
passband and high stopband attenuation. The filter char-
acteristics have been chosen to provide excellent time
domain response with low overshoot. The typical -3dB fre-
quency of 8.6MHz (MAX11501) and 8.9MHz (MAX11502)
guarantee minimal attenuation in the passband while
at the same time offering a 27MHz attenuation of
typically -50dB (MAX11501) and -48dB (MAX11502).
Output Buffer
The MAX11501/MAX11502 feature output buffers with
+6dB of gain. A typical load (Figure 5(a)) is a 75Ω back-
match resistor, an optional 220µF or larger AC-coupling
capacitor, a transmission line, and a 75Ω termination
resistor. The MAX11501/MAX11502 clamp the signal,
forcing the blanking level to less than 1V at the termina-
tion resistor. This allows direct drive of video loads at
digital TV specifications without the need for costly AC-
coupling capacitors. The MAX11501/MAX11502 drive
two parallel loads per output (Figure 5(b)), but thermal
considerations must be taken into account when doing
so (see the
Junction-Temperature Calculations section).
Applications Information
Output Configuration
The MAX11501/MAX11502 outputs may be either DC- or
AC-coupled. When the outputs are AC-coupled, choose
a capacitor that passes the lowest frequency content of
the video signal, and keeps the line-time distortion within
desired limits. The capacitor value is a function of the
input leakage and impedance of the circuit being driven.
The MAX11501/MAX11502 easily drive the industry com-
mon 220µF, or larger, coupling capacitor. If any or all
outputs are driving two parallel loads, see the
Junction-
Temperature Calculations section.
The MAX11501/MAX11502 outputs are fully protected
against short circuits to ground. The short-circuit pro-
tection circuitry limits the output current to 80mA (typi-
cal) per output. Shorting more than one output to
ground simultaneously may exceed the maximum
package power dissipation.
Junction-Temperature Calculations
Die temperature is a function of quiescent power dissi-
pation and the power dissipation in the output drivers.
Calculate the power dissipated, PD, using:
PD = PDS + PDO1 + PDO2 + PDO3
where PDS is the quiescent power dissipated in the die,
and given by:
PDS = VCC x ICC
and where PDOn is the power dissipated in the nth dri-
ver stage and given by:
where VORMSn is the RMS output voltage and RLn is the
load resistance.
The following is an example of a junction-temperature
calculation, assuming the following conditions:
1) Video standard = 525/60/2:1.
2) Video format = RGB with syncs on all.
3) Picture content = 100% white.
4) The input signal is AC-coupled.
5) The output signal is DC-coupled.
6) VCC = 5.0V.
7) ICC = 26mA.
P
VV
V
R
DOn
CC
ORMSn
ORMSn
Ln
=
()×
MAX11501
MAX11502
220
μF
(OPTIONAL)
75
Ω
75
Ω
OUT_
220
μF
(OPTIONAL)
75
Ω
75
Ω
MAX11501
MAX11502
OUT_
(a)
(b)
220
μF
(OPTIONAL)
75
Ω
75
Ω
Figure 5. Typical Output Loads


Similar Part No. - MAX11501

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11501 MAXIM-MAX11501 Datasheet
141Kb / 7P
   Standard-Definition Television Video Filter
Rev 0; 9/07
MAX11501EVKIT MAXIM-MAX11501EVKIT Datasheet
141Kb / 7P
   Standard-Definition Television Video Filter
Rev 0; 9/07
MAX11501EVKIT++ MAXIM-MAX11501EVKIT+ Datasheet
141Kb / 7P
   Standard-Definition Television Video Filter
Rev 0; 9/07
More results

Similar Description - MAX11501

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
VF8143 UTC-VF8143 Datasheet
164Kb / 5P
   LOW-COST Three-Channel 4TH-ORDER STANDARD DEFINITION VIDEO FILTERS
logo
ON Semiconductor
NCS2553 ONSEMI-NCS2553 Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
logo
ON Semiconductor
NCS2553DGEVB ONSEMI-NCS2553DGEVB Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428_06 Datasheet
357Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
logo
Unisonic Technologies
VF8146 UTC-VF8146 Datasheet
182Kb / 5P
   LOW-COST SIX-CHANNEL 4TH-ORDER STANDARD DEFINITION VIDEO FILTERS
logo
ON Semiconductor
FMS6143A ONSEMI-FMS6143A Datasheet
527Kb / 15P
   Three-Channel 6th-Order Standard-Definition VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.1
logo
Maxim Integrated Produc...
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
   Three-Channel, High-Definition Video Filter
Rev 0; 1/08
MAX11504 MAXIM-MAX11504 Datasheet
236Kb / 12P
   Four-Channel, Standard-Definition Video Filter
Rev 0; 11/07
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com