Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6650 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6650
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6650 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6650_10 Datasheet HTML 1Page - Maxim Integrated Products MAX6650_10 Datasheet HTML 2Page - Maxim Integrated Products MAX6650_10 Datasheet HTML 3Page - Maxim Integrated Products MAX6650_10 Datasheet HTML 4Page - Maxim Integrated Products MAX6650_10 Datasheet HTML 5Page - Maxim Integrated Products MAX6650_10 Datasheet HTML 6Page - Maxim Integrated Products MAX6650_10 Datasheet HTML 7Page - Maxim Integrated Products MAX6650_10 Datasheet HTML 8Page - Maxim Integrated Products MAX6650_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
240
245
255
250
260
265
3.0
4.0
3.5
4.5
5.0
5.5
INTERNAL OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
200
220
260
240
280
300
INTERNAL OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
050
100
VCC = 5.5V
VCC = 3.0V
2.0
2.1
2.3
2.2
2.4
2.5
FEEDBACK VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
050
100
1.9
1.8
VCC = 5.5V,
VFAN = 5.5V, VFAN = 12.0V
VFAN = 12.0V, VFAN = 5.5V
VCC = 3.0V
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
3.0
3.5
4.0
4.5
5.0
5.5
FEEDBACK VOLTAGE vs. SUPPLY
VOLTAGE (DAC SET TO 35)
SUPPLY VOLTAGE (V)
VFAN = 5.5V
VFAN = 12.0V
2.0
2.4
2.2
2.8
2.6
3.0
3.2
3.6
3.4
3.8
3.0
3.4
3.8
4.2
4.6
3.2
3.6
4.0
4.4
4.8 5.0
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
3.0
2.5
3.5
4.0
-40
0
-20
20
40
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5.5V
VCC = 3V
TIMING CHARACTERISTICS (continued)
(VCC = 3.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C and VCC = 5V.)
Note 1: For proper measurement of VFB, connect OUT and FB as shown in the Typical Operating Circuit.
Note 2: GPIO2, GPIO3, and GPIO4 only in the MAX6651.
Note 3: Note that the transition must internally provide at least a hold time to bridge the undefined region (300ns max) of SCL’s
falling edge.
Note 4: CB is the total capacitance of one bus line in pF. Tested with CB = 400pF. Rise and fall times are measured between 0.3 x
VCC and 0.7 x VCC.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
µs
ns
050
0.6
tSPIKE
tSU:STO
Setup Time for Stop Condition
Pulse Width of Spike Suppressed


Similar Part No. - MAX6650_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results

Similar Description - MAX6650_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556_02 Datasheet
108Kb / 13P
   Octal SMBus and I2C registered interface
2002 Mar 28
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
ON Semiconductor
NCT7491RQR2G ONSEMI-NCT7491RQR2G Datasheet
850Kb / 80P
   Remote Thermal Monitor and Fan Controller with PECI 3.0 Interface and SMBus Compatible Master
October, 2013 ??Rev. 1
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
[Old version datasheet]   high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com