Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0898CF15A035 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 0898CF15A035
Description  898 MHz Directional Coupler/ Low Pass Filter Combination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

0898CF15A035 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  0898CF15A035_09 Datasheet HTML 1Page - Johanson Technology Inc. 0898CF15A035_09 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
898 MHz Directional Coupler/ Low Pass Filter Combination
P/N 0898CF15A035
Detail Specification: 01/09/09
Page 1 of 2
General Specifications
Part Number
0898CF15A035
Isolation
25 dB min.
Frequency (MHz)
880 - 915
Impedance
50 Ω
Insertion Loss
0.7 dB max.
Power Capacity
2 Watts max.
Return Loss
14 dB min.
Reel Quantity
Attenuation (min.)
22 dB @ 2 x Fo
Operating Temperature
-40 to +85°C
Attenuation (min.)
17 dB @ 3 x Fo
Coupling
20 ± 1 dB
Packaging
Bulk
Suffix = S
Eg. 0898CF15A035S
P/N
Style
T & R
Suffix = E
Eg. 0898CF15A035E
No.
Function
Suffix Termination
100% Tin
Suffix = None Eg. 0898CF15A035(E or S)
1
IN
Style
Tin / Lead
Suffix = /Pb
Eg. 0898CF15A035(E or S)/Pb
2
GND
3
Main Out
Mechanical Dimensions
4
Termination
In
mm
5
GND
L
±±
6
Coupled Out
W
±±
T
±±
a
±±
b
±±
c
g
±±
p
±±
Mounting Considerations
Mount these devices with brown mark facing up.
* Line width should be designed to provide 50 ohm impedance, depending on PCB material and thickness
Units: mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2009 Johanson Technology, Inc. All Rights Reserved
High Frequency Ceramic Solutions
0.004
0.079
2.00
0.10
Terminal Configuration
Storage Temperature
+5 ~ +35°C, Humidity:
45~75%RH, 12 mos. Max
4,000
0.049
0.026
0.002
0.65
0.012
0.30
0.012
0.008
0.014
0.004
0.05
0.037
0.004
0.95
0.10
0.10
0.35
0.20
0.10
+.004/-.008
+0.1/-0.2
0.004
0.004
0.30
1.25
0.10
0.004
0.10
a
p
gb
T
1
2
3
456
L
W
c
Land
Solder Resist
Through-hole (ø 0.3)
0.35
0.65
0.3
0.25
0.8
1.0
0.2
*
*
*
*


Similar Part No. - 0898CF15A035_09

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0898CF15A035 JOHANSON-0898CF15A035 Datasheet
159Kb / 3P
   890 MHz Filtered Directional Coupler
More results

Similar Description - 0898CF15A035_09

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0910CF15B0100 JOHANSON-0910CF15B0100 Datasheet
247Kb / 4P
   910 MHz Directional Coupler/ Low Pass Filter Combination
0898CP14B035 JOHANSON-0898CP14B035 Datasheet
91Kb / 2P
   898 MHz Directional Coupler
0898CP14A035 JOHANSON-0898CP14A035 Datasheet
166Kb / 2P
   898 MHz Directional Coupler
2450CF15A0100 JOHANSON-2450CF15A0100 Datasheet
125Kb / 4P
   2.45GHz Directional Coupler/ Low Pass Filter Combination
0898CP14C0035 JOHANSON-0898CP14C0035 Datasheet
232Kb / 4P
   898 MHz Mini Directional Coupler
5300CF15A0950 JOHANSON-5300CF15A0950 Datasheet
129Kb / 4P
   5.3 GHz Directional Coupler/ Low Pass Filter Combination
0898CD15D1748 JOHANSON-0898CD15D1748 Datasheet
116Kb / 3P
   898/1748 MHz Dual Band Directional Coupler
2600CF15A0200 JOHANSON-2600CF15A0200 Datasheet
140Kb / 4P
   2.6 GHz Directional Coupler / Filter Combination
logo
Mini-Circuits
ZCDC30-06263-S MINI-ZCDC30-06263-S Datasheet
358Kb / 2P
   Wideband, DC Pass Directional Coupler
ZCDC20-K0644 MINI-ZCDC20-K0644 Datasheet
286Kb / 2P
   Wideband, DC Pass Directional Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com