Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8530EBTJ2 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8530EBTJ2
Description  Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8530EBTJ2 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8530EBTJ2 Datasheet HTML 4Page - Maxim Integrated Products MAX8530EBTJ2 Datasheet HTML 5Page - Maxim Integrated Products MAX8530EBTJ2 Datasheet HTML 6Page - Maxim Integrated Products MAX8530EBTJ2 Datasheet HTML 7Page - Maxim Integrated Products MAX8530EBTJ2 Datasheet HTML 8Page - Maxim Integrated Products MAX8530EBTJ2 Datasheet HTML 9Page - Maxim Integrated Products MAX8530EBTJ2 Datasheet HTML 10Page - Maxim Integrated Products MAX8530EBTJ2 Datasheet HTML 11Page - Maxim Integrated Products MAX8530EBTJ2 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Applications Information
Capacitor Selection
and Regulator Stability
Use a 2.2µF capacitor on the MAX8530/MAX8531s’
inputs. Larger input capacitor values with lower ESRs
provide better supply-noise rejection and line-transient
response. To reduce noise and improve load transients,
use large-output capacitors, up to 10µF. For stable
operation over the full temperature range and with rated
maximum load currents, use a minimum of 2.2µF (or
1µF for <150mA loading for OUT1) and 1µF for OUT2.
Note that some ceramic dielectrics exhibit large capac-
itance and ESR variation with temperature. With
dielectrics such as Z5U and Y5V, it is necessary to use
4.7µF or more to ensure stability at temperatures below
-10°C. With X7R or X5R dielectrics, 2.2µF is sufficient at
all operating temperatures. These regulators are opti-
mized for ceramic capacitors. Tantalum capacitors are
not recommended.
PSRR and Operation from
Sources Other than Batteries
The MAX8530/MAX8531 is designed to deliver low
dropout voltages and low quiescent currents in battery-
powered systems. Power-supply rejection is 60dB at
low frequencies (see the Power-Supply Rejection Ratio
vs. Frequency graph in the Typical Operating Char-
acteristics).
When operating from sources other than batteries,
improve supply-noise rejection and transient response
by increasing the values of the input and output bypass
capacitors and through passive filtering techniques.
Load-Transient Considerations
The MAX8530/MAX8531 load-transient response
graphs (see the Typical Operating Characteristics)
show two components of the output response: a DC
shift in the output voltage because of the different load
currents, and the transient response. Increase the output
capacitor’s value and decrease its ESR to attenuate
transient spikes.
Input/Output (Dropout Voltage)
A regulator’s minimum input/output voltage differential
(or dropout voltage) determines the lowest usable supply
voltage. In battery-powered systems, this determines
the useful end-of-life battery voltage. Because the
MAX8530/MAX8531 use a P-channel MOSFET pass
transistor, their dropout voltage is a function of drain-to-
source on-resistance (RDS(ON)) multiplied by the load
current (see the Typical Operating Characteristics).
Calculating the Maximum
Output Power in UCSP
The maximum output power of the MAX8530/MAX8531
can be limited by the maximum power dissipation of the
package. Obtain the maximum power dissipation by
calculating the power dissipation of the package as a
function of the input voltage, output voltage, and output
currents. The maximum power dissipation should not
exceed the package’s maximum power rating:
P = (VIN(MAX) - VOUT1) x IOUT1 +
(VIN(MAX) - VOUT2) x IOUT2
where:
VIN(MAX) = Maximum input voltage
PMAX = Maximum power dissipation of the package
(308mW for UCSP and 1951mW for the QFN package)
VOUT1 = Output voltage of OUT1
VOUT2 = Output voltage of OUT2
IOUT1 = Maximum output current of OUT1
IOUT2 = Maximum output current of OUT2
P should be less than PMAX. If P is greater than PMAX,
consider using the QFN package.
Dual Low-Dropout Linear Regulators
with
RESET or Low-Noise Output in UCSP or QFN
8
_______________________________________________________________________________________


Similar Part No. - MAX8530EBTJ2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8530EBT MAXIM-MAX8530EBT Datasheet
280Kb / 12P
   Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
Rev 0; 1/03
More results

Similar Description - MAX8530EBTJ2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8530 MAXIM-MAX8530 Datasheet
280Kb / 12P
   Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
Rev 0; 1/03
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
MAX8559 MAXIM-MAX8559 Datasheet
266Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
Rev 0; 1/04
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
MAX8882 MAXIM-MAX8882 Datasheet
244Kb / 8P
   Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com