Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4708 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4708
Description  Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4708 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4708 Datasheet HTML 1Page - Maxim Integrated Products MAX4708 Datasheet HTML 2Page - Maxim Integrated Products MAX4708 Datasheet HTML 3Page - Maxim Integrated Products MAX4708 Datasheet HTML 4Page - Maxim Integrated Products MAX4708 Datasheet HTML 5Page - Maxim Integrated Products MAX4708 Datasheet HTML 6Page - Maxim Integrated Products MAX4708 Datasheet HTML 7Page - Maxim Integrated Products MAX4708 Datasheet HTML 8Page - Maxim Integrated Products MAX4708 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX4708/MAX4709 8-to-1 and dual 4-to-1 fault-pro-
tected multiplexers are pin compatible with the industry-
standard DG508/DG509. The MAX4708/MAX4709 are
similar to the MAX4508/MAX4509, but these devices do
not have clamp diodes to the supply rails on the switch
outputs. These multiplexers feature fault-protected
inputs, rail-to-rail signal-handling capability, and do not
require power-supply sequencing.
Both devices offer ±40V overvoltage protection with the
supplies off, ±36V protection with the supplies on, and
feature 400Ω (max) on-resistance with 15Ω (max)
matching between channels. The MAX4708/MAX4709
operate with dual supplies of ±4.5V to ±20V or a single
supply of +9V to +36V. All digital inputs have TTL logic-
compatible thresholds, ensuring both TTL and CMOS
logic compatibility when using a single +12V supply or
dual ±15V supplies.
For low-voltage applications requiring fault protection,
refer to the MAX4711/MAX4712/MAX4713 data sheet.
Applications
Data-Acquisition Systems
Industrial and Process Control
Avionics
Signal Routing
Redundancy/Backup Systems
ATE Systems
Hot Swap
Features
♦ No Power-Supply Sequencing Required
♦ All Channels Off with Power Off
♦ Rail-to-Rail Signal Handling
♦ 400Ω (max) On-Resistance
♦ ±40V Fault Protection with Power Off
♦ ±25V Fault Protection with ±15V Supplies
♦ 100ns Fault-Response Time
♦ ±4.5V to ±20V Dual Supplies
♦ +9V to +36V Single Supply
♦ TTL/CMOS-Compatible Logic Inputs
Fault-Protected, Single 8-to-1/
Dual 4-to-1 Multiplexers
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
A2
GND
V+
NO1
V-
EN
A0
TOP VIEW
MAX4708
NO5
NO6
NO7
NO8
COM
NO4
NO3
NO2
SO/DIP
LOGIC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
GND
V+
NO1B
NO1A
V-
EN
A0
MAX4709
NO2B
NO3B
NO4B
COMB
COMA
NO4A
NO3A
NO2A
SO/DIP
LOGIC
Pin Configurations/Functional Diagrams
19-4804; Rev 1; 12/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX4708ESE
-40°C to +85°C
16 Narrow SO
MAX4708EWE
-40°C to +85°C
16 Wide SO
MAX4708EPE
-40°C to +85°C
16 Plastic DIP
MAX4709ESE
-40°C to +85°C
16 Narrow SO
MAX4709EWE
-40°C to +85°C
16 Wide SO
MAX4709EPE
-40°C to +85°C
16 Plastic DIP
Pin Configurations/Functional Diagrams continued at end of data sheet.


Similar Part No. - MAX4708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4708EPE MAXIM-MAX4708EPE Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4708ESE MAXIM-MAX4708ESE Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4708EWE MAXIM-MAX4708EWE Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
More results

Similar Description - MAX4708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com