Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8530 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8530
Description  Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8530 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8530_05 Datasheet HTML 4Page - Maxim Integrated Products MAX8530_05 Datasheet HTML 5Page - Maxim Integrated Products MAX8530_05 Datasheet HTML 6Page - Maxim Integrated Products MAX8530_05 Datasheet HTML 7Page - Maxim Integrated Products MAX8530_05 Datasheet HTML 8Page - Maxim Integrated Products MAX8530_05 Datasheet HTML 9Page - Maxim Integrated Products MAX8530_05 Datasheet HTML 10Page - Maxim Integrated Products MAX8530_05 Datasheet HTML 11Page - Maxim Integrated Products MAX8530_05 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Dual Low-Dropout Linear Regulators
with
RESET or Low-Noise Output in UCSP or QFN
_______________________________________________________________________________________
9
1
2
IN
3
6
5
4
OUT1
RESET (BP*)
SHDN
GND
OUT2
THIN QFN
MAX8530ETT
(MAX8531ETT)
*MAX8531 ONLY
TOP VIEW
A "+" SIGN WILL REPLACE THE FIRST PIN INDICATOR ON LEAD-FREE PACKAGES.
Chip Information
TRANSISTOR COUNT: 1720
PROCESS: BiCMOS
Output Voltage Selector Guide
PART
VOUT1
VOUT2
TOP MARK
MAX8530EBTJ2
2.85
1.8
ACR
MAX8530EBTJO
2.85
2.6
ACA
MAX8530EBTKG
2.8
3.0
ACT
MAX8530ETTP2
2.5
1.8
AET
MAX8530ETTO2
2.6
1.8
AES
MAX8530ETTK2
2.8
1.8
AER
MAX8530ETTKO
2.8
2.6
AEQ
MAX8531EBTJJ
2.85
2.85
ACG
MAX8531EBTGG
3.0
3.0
ACI
MAX8531ETTGG
3.0
3.0
AEF
Note: Contact the factory for other output voltages between
1.5V and 3.3V. The minimum order quantity is 25,000 units.
MAX8530EBT
(MAX8531EBT)
UCSP
A2
A3
A1
SHDN
GND
RESET
(BP*)
IN
OUT1
*MAX8531 ONLY
OUT2
B1
B2
B3
TOP VIEW
A "+" SIGN WILL REPLACE THE FIRST PIN INDICATOR ON LEAD-FREE PACKAGES.
Pin Configurations


Similar Part No. - MAX8530_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8530EBT MAXIM-MAX8530EBT Datasheet
280Kb / 12P
   Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
Rev 0; 1/03
MAX8530ETT MAXIM-MAX8530ETT Datasheet
280Kb / 12P
   Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
Rev 0; 1/03
More results

Similar Description - MAX8530_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8530 MAXIM-MAX8530 Datasheet
280Kb / 12P
   Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
Rev 0; 1/03
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
MAX8559 MAXIM-MAX8559 Datasheet
266Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
Rev 0; 1/04
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
MAX8882 MAXIM-MAX8882 Datasheet
244Kb / 8P
   Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com