Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4577ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4577ESA
Description  15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4577ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4577ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4577ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4577ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4577ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4577ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4577ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4577ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4577ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4577ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
±15kV ESD-Protected, Low-Voltage, Dual, SPST,
CMOS Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V+ = 5V, TA = +25°C, unless otherwise specified.)
20
-120
0.01
0.1
1
10
100
1000
FREQUENCY RESPONSE
-100
FREQUENCY (MHz)
-60
-40
-80
-20
0
ON-LOSS
OFF-LOSS
CROSSTALK
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION
+ NOISE vs. FREQUENCY
FREQUENCY (Hz)
V+ = 5V
600
Ω IN AND OUT
PIN
MAX4575
MAX4576
MAX4577
NAME
FUNCTION
1
1
NO1
Analog Switch 1—Normally Open
1
NC1
Analog Switch 1—Normally Closed
2
2
2
COM1
Analog Switch 1—Common
3
3
3
IN2
Digital Control Input 2
4
4
4
GND
Ground
5
——
NO2
Analog Switch 2—Normally Open
5
5
NC2
Analog Switch 2—Normally Closed
6
6
6
COM2
Analog Switch 2—Common
7
7
7
IN1
Digital Control Input 1
8
8
8
V+
Positive Supply Voltage Input
Pin Description


Similar Part No. - MAX4577ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
   Dual CMOS Video Amplifier
Rev 0; 2/89
MAX4570CAI MAXIM-MAX4570CAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570CWI MAXIM-MAX4570CWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EAI MAXIM-MAX4570EAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EWI MAXIM-MAX4570EWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
More results

Similar Description - MAX4577ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4558 MAXIM-MAX4558 Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com