Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8645X Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8645X
Description  1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8645X Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8645X_08 Datasheet HTML 1Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 2Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 3Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 4Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 5Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 6Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 7Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 8Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.6V, VGND = VPGND = 0V, ENM1 = ENM2 = ENF = IN, RSETM = RSETF = 6.8kΩ, P1 = P2 = unconnected, CREF = 0.01µF,
TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
1x to 1.5x or 1.5x to 2x Mode
Transition Threshold
90
100
110
mV
Input Voltage-Mode Transition
Hysteresis
150
mV
Charge-Pump Maximum OUT
Current
VIN
≥ 3.15V, VOUT = 3.9V
580
mA
1x mode (VIN - VOUT) / IOUT
0.3
1.0
1.5x mode (1.5VIN - VOUT) / IOUT
1.1
4.0
Open-Loop OUT Resistance
2x mode (2VIN - VOUT) / IOUT
1.5
4.14
Ω
Charge-Pump Short-Circuit
Current
VOUT < 1.25V
500
mA
Switching Frequency
1
MHz
OUT Pulldown Resistance in
Shutdown
ENM_ = ENF = GND
5
k
Ω
LED DRIVER
SET_ Bias Voltage
TA = +25°C
0.6
V
TA = +25°C
0.01
1
SET_ Leakage in Shutdown
ENM_ = ENF = GND
TA = +85°C
0.1
µA
SET_ Current Range
10
145
µA
SETM-to-Main LED Current Ratio
(IM_/ISETM)
100% setting, M1–M6
230
A/A
SETF-to-Flash LED Current Ratio
(IF_/ISETF)
100% setting, F1 and F2
1380
A/A
TA = +25°C
-1.25
+1.25
M_, F_ Current Accuracy
TA = -40°C to current derating start temperature
-4
+4
%
Maximum Main LED Sink Current
RSETM = 4.6k
Ω, for each M_
30
mA
Maximum Flash LED Sink Current
RSETF = 4.12k
Ω, IF1 + IF2
400
mA
Current-Derating-Function Start
Temperature
+40
°C
Current-Derating-Function Slope
TA = +40°C to +85°C
-1.7
%/°C
Dropout Voltage
(Note 2)
40
90
mV
1.5x and 2x Regulation Voltage
150
mV
TA = +25°C
0.01
2
M_, F_ Leakage in Shutdown
ENM_ = ENF = GND
TA = +85°C
0.1
µA
LDO_
Output Voltage Accuracy
ILDO_ = 150mA, relative to VOUT(NOM) (Note 3)
-1.7
0
+1.7
%
Output Current Range
0
200
mA
Current Limit
VLDO_ = 0V
280
475
750
mA
Soft-Start Current Limit
160
mA
1x/1.5x/2x White LED Charge Pumps with Two
LDOs in 4mm x 4mm TQFN
_______________________________________________________________________________________
3


Similar Part No. - MAX8645X_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8645XETI MAXIM-MAX8645XETI Datasheet
310Kb / 15P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 3; 12/06
More results

Similar Description - MAX8645X_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8645X MAXIM-MAX8645X Datasheet
310Kb / 15P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 3; 12/06
MAX8631X MAXIM-MAX8631X Datasheet
399Kb / 16P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 2; 5/06
MAX8631 MAXIM-MAX8631 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX8631 MAXIM-MAX8631_08 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
   120mA 1x/1.5x/2x Charge Pump for White LED
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
   1x/1.5x/2x Charge Pump for White LED Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com