Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8645X Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8645X
Description  1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8645X Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8645X_08 Datasheet HTML 6Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 7Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 8Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 9Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 10Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 11Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 12Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 13Page - Maxim Integrated Products MAX8645X_08 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
1x/1.5x/2x White LED Charge Pumps with Two
LDOs in 4mm x 4mm TQFN
______________________________________________________________________________________
11
MAX8645X
MAX8645Y
1
μF
10
μF
0.01
μF
10
μF
PIN
IN
GND
P1
P2
OUT
MAIN
FLASH
OUTPUT
UP TO 480mA
1
μF
1
μF
LDO1
LDO2
C2P
C2N
1
μF
C1P
C1N
REFBP
SETM
SETF
PGND
ON/OFF AND
VOLTAGE
SELECTION
INPUT
2.7V TO 5.5V
ENM2
ENM1
ENF
ENLDO
M1
M2
M3
M4
M5
M6
F1
F2
4.12k
Ω
6.81k
Ω
Figure 3. Providing Increased LED Current per LED
MAX8645X
MAX8645Y
C4
1
μF
C8
0.01
μF
C1
10
μF
PIN
IN
GND
P1
P2
OUT
MAIN
FLASH
OUTPUT
UP TO 480mA
C6
1
μF
C7
1
μF
C5
10
μF
LDO1
LDO2
C2P
C2N
C3
1
μF
C1P
C1N
REFBP
SETM
SETF
PGND
VOLTAGE
SELECTION
INPUT
2.7V TO 5.5V
ENM2
ENM1
ENF
ENLDO
M1
M2
M3
M4
M5
M6
F1
F2
RSETF
4.12k
Ω
FLASH ON/OFF
AND DIMMING
ON/OFF
RSETM
6.81k
Ω
MAIN ON/OFF
AND DIMMING
Figure 2. Dimming Using Single-Wire, Serial-Pulse Interface


Similar Part No. - MAX8645X_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8645XETI MAXIM-MAX8645XETI Datasheet
310Kb / 15P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 3; 12/06
More results

Similar Description - MAX8645X_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8645X MAXIM-MAX8645X Datasheet
310Kb / 15P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 3; 12/06
MAX8631X MAXIM-MAX8631X Datasheet
399Kb / 16P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 2; 5/06
MAX8631 MAXIM-MAX8631 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX8631 MAXIM-MAX8631_08 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
   120mA 1x/1.5x/2x Charge Pump for White LED
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
   1x/1.5x/2x Charge Pump for White LED Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com