Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7444ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7444ESA
Description  Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7444ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7444ESA Datasheet HTML 1Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 2Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 3Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 4Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 5Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 6Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 7Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Triple-Channel Video Reconstruction Filter and
Buffer for Composite and Y/C Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................................+6V
All Other Pins to GND.................................-0.3V to (VCC + 0.3V)
Maximum Current into Any Pin Except VCC and GND .....±50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Thin QFN (derate 24.4mW/°C above +70°C) ...1951mW
8-Pin SO (derate 18.9mW/°C above +70°C)..............1509mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +5V ±5%, CL = 0 to 20pF, RL = 75Ω to GND for DC-couple, RL = 75Ω to VCC/2 for AC-couple, CYIN = CCIN = 0.1µF,
TA = TMIN to TMAX, GSET = GND (6dB) and VCC (9.5dB), unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX7443
-0.8
-0.3
+0.1
Passband Response
f = 100kHz to 4.2MHz,
relative to 100kHz
MAX7444
-0.1
+0.6
+0.92
dB
Stopband Attenuation
ASB
f = 27MHz
39
41
dB
Boost Amplitude
f = 4.2MHz, MAX7444
0.6
dB
Differential Gain
dG
5-step modulated
staircase
Gain = 6dB,
9.5dB, 12dB
0.15
0.4
%
Differential Phase
d
θ
5-step modulated
staircase
Gain = 6dB,
9.5dB, 12dB
0.15
0.4
Degrees
Signal-to-Noise Ratio
SNR
Peak signal (2VP-P) to
RMS noise, f = 100Hz to
50MHz
Gain = 6dB,
9.5dB, 12dB
67
73
dB
MAX7443
8
20
Group Delay Deviation
∆tg
Deviation from 100kHz to
4.1MHz
MAX7444
12
30
ns
Line-Time Distortion
HDIST
18µs, 100 IRE bar
0.3
%
Field-Time Distortion
VDIST
130 lines, 18µs, 100 IRE bar
0.5
%
Clamp Settling Time
To ±1%
430
Lines
YOUT
0.6
0.8
1.0
CVOUT
0.6
0.8
1.0
Output DC Clamp Level
COUT
1.44
1.6
1.97
V
Low-Frequency Gain Accuracy
AV
f = 100kHz, relative to 6dB
-3.5
+2
%
Group Delay Matching
tg(MATCH)
Low-frequency channel-to-channel matching,
f = 100kHz for YOUT and COUT
2ns
Channel-to-Channel Crosstalk
XTALK
f = 100kHz to 3.58MHz, gain = 6dB
61
dB
Input Leakage Current
IIN
10
µA


Similar Part No. - MAX7444ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7444ESA MAXIM-MAX7444ESA Datasheet
239Kb / 8P
   Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs
19-2749; Rev 0; 1/03
More results

Similar Description - MAX7444ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7453 MAXIM-MAX7453 Datasheet
166Kb / 5P
   Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs
Rev 0; 6/05
MAX7443 MAXIM-MAX7443 Datasheet
239Kb / 8P
   Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs
19-2749; Rev 0; 1/03
logo
List of Unclassifed Man...
SPT9400 ETC1-SPT9400 Datasheet
98Kb / 7P
   TRIPLE VIDEO DRIVER WITH Y/C & COMPOSITE OUTPUT
logo
Fairchild Semiconductor
FMS6417 FAIRCHILD-FMS6417 Datasheet
137Kb / 12P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6366 FAIRCHILD-FMS6366 Datasheet
517Kb / 7P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
logo
Maxim Integrated Produc...
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
   4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
   Triple video buffer with selectable filter for HD and SD video applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com