Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6947ATE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6947ATE
Description  10-Port, Constant-Current LED Driver and I/O Expander with PWM Intensity Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6947ATE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6947ATE Datasheet HTML 1Page - Maxim Integrated Products MAX6947ATE Datasheet HTML 2Page - Maxim Integrated Products MAX6947ATE Datasheet HTML 3Page - Maxim Integrated Products MAX6947ATE Datasheet HTML 4Page - Maxim Integrated Products MAX6947ATE Datasheet HTML 5Page - Maxim Integrated Products MAX6947ATE Datasheet HTML 6Page - Maxim Integrated Products MAX6947ATE Datasheet HTML 7Page - Maxim Integrated Products MAX6947ATE Datasheet HTML 8Page - Maxim Integrated Products MAX6947ATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
10-Port, Constant-Current LED Driver and
I/O Expander with PWM Intensity Control
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.25V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
(P0–P9, SDA, SCL, RST, AD0, OSC)
VIH
P0–P9: output register set to 0x01
0.7
x VDD
V
Input Low Voltage
(P0–P9, SDA, SCL, RST, AD0, OSC)
VIL
P0–P9: output register set to 0x01
0.3
x VDD
V
Input Leakage Current
(P0–P9, SDA, SCL, RST, AD0, OSC)
IIH, IIL
-0.2
+0.2
µA
Input Capacitance
(P0–P9, SDA, SCL, RST, AD0, OSC)
10
pF
TA = +25°C
9.3
10
10.5
TA = TMIN to +85°C
16-pin TQFN
9.1
11.0
10mA Port Nominal Sink Constant
Current (P0–P9)
IOUT
Output register set to 0x02,
VDD = 3.3V,
VEXT - VLED = 1V (Note 3)
TA = TMIN to +85°C
16-bump WLP
9.0
11.0
mA
TA = +25°C
19.00
20
21.12
TA = TMIN to +85°C
16-pin TQFN
18.6
21.8
20mA Port Nominal Sink Constant
Current (P0–P9)
IOUT
Output register set to 0x02,
VDD = 3.3V,
VEXT - VLED = 1V (Note 3)
TA = TMIN to +85°C
16-bump WLP
18.4
22.0
mA
TA = +25°C, VDD = 3.3V, VP0 to VP9 = 1.4V,
IOUT = 20mA
±2.0
±4.0
Port Sink Constant-Current
Matching
ΔIOUT
TA = +25°C, VDD = 3.3V, VP0 to VP9 = 1.4V,
IOUT = 10mA
±2.0
±5.0
%
Port Logic Output Low Voltage
(P0–P9)
VOLP_
Output register set to 0x00,
ISINK = 0.5mA
0.5
V
Port Logic Output Low
Short-Circuit Current (P0–P9)
Output register set to 0x00,
VOLP_ = 5V
10
mA
Port Slew Time
From 20% current to 80% current
2
µs
Output Low Voltage
(SDA)
VOLSDA
ISINK = 6mA
300
mV


Similar Part No. - MAX6947ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX694 MAXIM-MAX694 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX6948 MAXIM-MAX6948 Datasheet
730Kb / 17P
   MAX6948 Evaluation Kit
Rev 0; 9/09
MAX6948B MAXIM-MAX6948B Datasheet
2Mb / 28P
   High-Efficiency PWM LED Driver with Boost Converter and Five Constant-Current GPIO Ports
Rev 0; 9/09
MAX6948BGWA++ MAXIM-MAX6948BGWA+ Datasheet
2Mb / 28P
   High-Efficiency PWM LED Driver with Boost Converter and Five Constant-Current GPIO Ports
Rev 0; 9/09
MAX6948EVKIT MAXIM-MAX6948EVKIT Datasheet
730Kb / 17P
   MAX6948 Evaluation Kit
Rev 0; 9/09
More results

Similar Description - MAX6947ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6966 MAXIM-MAX6966 Datasheet
398Kb / 29P
   10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control
Rev 2; 4/05
MAX6966 MAXIM-MAX6966_14 Datasheet
650Kb / 29P
   10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control
Rev 2; 4/05
MAX7316 MAXIM-MAX7316 Datasheet
284Kb / 25P
   10-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7315 MAXIM-MAX7315 Datasheet
448Kb / 27P
   8-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com