Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6946CAWE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6946CAWE
Description  10-Port, Constant-Current LED Driver and I/O Expander with PWM Intensity Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6946CAWE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6946CAWE Datasheet HTML 1Page - Maxim Integrated Products MAX6946CAWE Datasheet HTML 2Page - Maxim Integrated Products MAX6946CAWE Datasheet HTML 3Page - Maxim Integrated Products MAX6946CAWE Datasheet HTML 4Page - Maxim Integrated Products MAX6946CAWE Datasheet HTML 5Page - Maxim Integrated Products MAX6946CAWE Datasheet HTML 6Page - Maxim Integrated Products MAX6946CAWE Datasheet HTML 7Page - Maxim Integrated Products MAX6946CAWE Datasheet HTML 8Page - Maxim Integrated Products MAX6946CAWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
10-Port, Constant-Current LED Driver and
I/O Expander with PWM Intensity Control
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 2.25V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND .............................................................-0.3V to +4V
SCL, SDA, AD0, RST, OSC to GND .........................-0.3V to +6V
P0 to P9 to GND .......................................................-0.3V to +8V
DC Current into P0 to P9 ....................................................24mA
DC Current into SDA ...........................................................10mA
RST Sink Current.................................................................10mA
Total GND Current ............................................................280mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TQFN (derate 14.7mW/°C over +70°C) ..........1176mW
16-Bump WLP (derate 13.3mW/°C over +70°C)........1066mW
Operating Temperature Range (TMIN, TMAX) ....-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VDD
2.25
3.60
V
Output Load External Supply
Voltage P0–P9
VEXT
7V
Power-On-Reset Voltage
VPOR
VDD rising
1.91
V
16-pin TQFN
128
Power-On-Reset Voltage Hysteresis
PORHYS
16-bump WLP
33
mV
TA = +25°C
1.0
1.3
TA = TMIN to +85°C
1.3
Standby Current Interface Idle
(PWM Disabled, All Ports High
Impedance)
ISTBY
RST at VDD;
fSCL = 0Hz; other digital
inputs at VDD or GND
TA = TMIN to TMAX
1.5
µA
TA = +25°C
17
23
TA = TMIN to +85°C
24
Standby Current in Reset
(PWM Disabled, All Ports High
Impedance)
IRST
RST at GND; fSCL =
400kHz; other digital
inputs at VDD or GND
TA = TMIN to TMAX
25
µA
TA = +25°C
50
60
TA = TMIN to +85°C
62
Supply Current Interface Active
(Reset Run Enabled, PWM
Disabled, All Ports High
Impedance)
IDD
fSCL = 400kHz; other
digital inputs at VDD or
GND
TA = TMIN to TMAX
65
µA
TA = +25°C
1.58
1.8
TA = TMIN to +85°C
1.9
ΔIDD10
One port set to 10mA
constant current; all other
ports' output registers set
to 0x00, 0x01, or 0xFF;
digital inputs at VDD or
GND
TA = TMIN to TMAX
2.0
TA = +25°C
3.2
3.6
TA = TMIN to +85°C
3.8
Delta Supply Current Interface Idle
ΔIDD20
One port set to 20mA
constant current; all other
ports' output registers set
to 0x00, 0x01, or 0xFF;
digital inputs at VDD or
GND
TA = TMIN to TMAX
4.0
mA


Similar Part No. - MAX6946CAWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX694 MAXIM-MAX694 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX6948 MAXIM-MAX6948 Datasheet
730Kb / 17P
   MAX6948 Evaluation Kit
Rev 0; 9/09
MAX6948B MAXIM-MAX6948B Datasheet
2Mb / 28P
   High-Efficiency PWM LED Driver with Boost Converter and Five Constant-Current GPIO Ports
Rev 0; 9/09
MAX6948BGWA++ MAXIM-MAX6948BGWA+ Datasheet
2Mb / 28P
   High-Efficiency PWM LED Driver with Boost Converter and Five Constant-Current GPIO Ports
Rev 0; 9/09
MAX6948EVKIT MAXIM-MAX6948EVKIT Datasheet
730Kb / 17P
   MAX6948 Evaluation Kit
Rev 0; 9/09
More results

Similar Description - MAX6946CAWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6966 MAXIM-MAX6966 Datasheet
398Kb / 29P
   10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control
Rev 2; 4/05
MAX6966 MAXIM-MAX6966_14 Datasheet
650Kb / 29P
   10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control
Rev 2; 4/05
MAX7316 MAXIM-MAX7316 Datasheet
284Kb / 25P
   10-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7315 MAXIM-MAX7315 Datasheet
448Kb / 27P
   8-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com