Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8636 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8636
Description  Dual 300mA Pin-Programmable LDO Linear Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8636 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8636 Datasheet HTML 1Page - Maxim Integrated Products MAX8636 Datasheet HTML 2Page - Maxim Integrated Products MAX8636 Datasheet HTML 3Page - Maxim Integrated Products MAX8636 Datasheet HTML 4Page - Maxim Integrated Products MAX8636 Datasheet HTML 5Page - Maxim Integrated Products MAX8636 Datasheet HTML 6Page - Maxim Integrated Products MAX8636 Datasheet HTML 7Page - Maxim Integrated Products MAX8636 Datasheet HTML 8Page - Maxim Integrated Products MAX8636 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Dual 300mA Pin-Programmable LDO
Linear Regulators
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VIN = 3.8V, P = P1 = P2 = GND, IOUT1, 2 = 70mA, COUT1 = 2.2µF, COUT2 = 2.2µF, CBP = 0.01µF, CIN = 2.2µF, and TA = +25°C,
unless otherwise noted.)
OUTPUT NOISE DC TO 100kHz
(MAX8636ELA+)
MAX8633 toc10
1ms/div
50
μV/div
LINE TRANSIENT RESPONSE
(MAX8633ELA+)
MAX8633 toc11
40
μs/div
0
1V/div
10mV/div
VIN
AC
VOUT1
3.8V
4.8V
MAX8633
IOUT1 = 70mA
LOAD TRANSIENT
(MAX8633ELA+ OUT1 ILOAD = 1mA TO 70mA)
MAX8633 toc12
40
μs/div
0
100mA/div
20mV/div
IOUT1
AC
VOUT1
1mA
70mA
MAX8633
VIN = 3.8V
LOAD TRANSIENT NEAR DROPOUT
(VIN = VOUT + 0.1V, MAX8633ELA+ OUT1)
MAX8633 toc13
40
μs/div
0
100mA/div
20mV/div
IOUT1
AC
VOUT1
1mA
70mA
MAX8633
VIN = VOUT1 + 0.1V
RESET TIMING
(MAX8633ELA+)
MAX8633 toc14
40ms/div
0
0
5V/div
2V/div
0
2V/div
OUT1
MAX8633
RESET
SHDN
OUT1 AND OUT2 TURN-ON SEQUENCE
(MAX8633ELA+)
MAX8633 toc15
40
μs/div
0
0
2V/div
2V/div
0
2V/div
OUT1
OUT2
MAX8633
P1 = P2 = GND
IOUT1 = IOUT2 = 70mA
SHDN
EXITING SHUTDOWN
(MAX8634ELA+)
MAX8633 toc16
40
μs/div
0
0
2V/div
2V/div
2V/div
2V/div
OUT1
OUT2
MAX8634
P = IN
ROUT1 = ROUT2 = 100
Ω
SHDN1
SHDN2


Similar Part No. - MAX8636

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX863 MAXIM-MAX863 Datasheet
194Kb / 16P
   Dual, High-Efficiency, PFM, Step-Up DC-DC Controller
Rev 1; 6/97
MAX8630 MAXIM-MAX8630 Datasheet
248Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630W MAXIM-MAX8630W Datasheet
242Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630WETD15+T MAXIM-MAX8630WETD15+T Datasheet
248Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630XEVKIT MAXIM-MAX8630XEVKIT Datasheet
101Kb / 4P
   MAX8630X Evaluation Kit
Rev 0; 9/08
More results

Similar Description - MAX8636

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9293 GMT-G9293 Datasheet
74Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
G9092 GMT-G9092 Datasheet
42Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9294 GMT-G9294 Datasheet
50Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com