Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4735 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4735
Description  Low-Voltage, 0.31OHM, Quad-SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4735 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4735 Datasheet HTML 1Page - Maxim Integrated Products MAX4735 Datasheet HTML 2Page - Maxim Integrated Products MAX4735 Datasheet HTML 3Page - Maxim Integrated Products MAX4735 Datasheet HTML 4Page - Maxim Integrated Products MAX4735 Datasheet HTML 5Page - Maxim Integrated Products MAX4735 Datasheet HTML 6Page - Maxim Integrated Products MAX4735 Datasheet HTML 7Page - Maxim Integrated Products MAX4735 Datasheet HTML 8Page - Maxim Integrated Products MAX4735 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX4735 quad-SPDT switch routes audio signals
in portable applications. Each channel has a 0.31
Ω typ-
ical on-resistance, allowing the MAX4735 to drive 8
loudspeakers with less than 0.02% distortion.
The MAX4735 is configured as a quad-SPDT switch with
two common control inputs. Each digital input controls
two pairs of SPDT switches. The switches are fully bidi-
rectional, allowing both multiplexing and demultiplexing
operation. Break-before-make operation is guaranteed.
The device operates from a +1.6V to +3.6V supply and
over the extended -40°C to +85°C temperature range. It
is offered in both 16-pin 3mm x 3mm TQFN and TSSOP
packages.
Applications
Cell Phones
Digital Still Cameras
PDAs and Palmtop Devices
MP3 Players
Features
♦ Low 0.31Ω RON
♦ 0.06Ω On-Resistance Flatness
♦ Excellent 0.015Ω On-Resistance Matching
♦ Low 0.02% THD into 8Ω
♦ Low 0.015% THD into 32Ω
♦ Audio Signal Routing
♦ Space-Saving, 3mm x 3mm TQFN Package
♦ 1.8V Logic Compatible
Low-Voltage, 0.31
Ω, Quad-SPDT Analog Switch
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
9
10
11
12
COM3
NC3
NO4
COM4
4
3
2
1
COM2
NC2
NO1
COM1
56
7
8
MAX4735
TQFN
TOP VIEW
NOTE: EXPOSED PADDLE CONNECTED TO GND.
Pin Configurations
Ordering Information
PART
PIN-PACKAGE
TOP
MARK
PKG CODE
MAX4735ETE
16 TQFN
ACT
T1633-4
MAX4735EUE
16 TSSOP
U16-2
1.6V TO 3.6V
INTERNAL
8
SPEAKER
RING TONE/
MELODY IC
MAX4735
AUDIO
CODEC
VCC
SYSTEM
CONTROLLER
EXTERNAL
8
Ω OR 32Ω
SPEAKER
Typical Application Circuit
19-3581; Rev 0; 1/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations continued at end of data sheet.
Note: All products specified across the -40°C to +85°C tem-
perature range.


Similar Part No. - MAX4735

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX473-MAX475 MAXIM-MAX473-MAX475 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX4730 MAXIM-MAX4730 Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
MAX4730ELT+T MAXIM-MAX4730ELT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4730ELT-T MAXIM-MAX4730ELT-T Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
More results

Similar Description - MAX4735

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699 Datasheet
445Kb / 10P
   0.5廓, Low Voltage Quad, SPDT Analog Switch
logo
Integrated Device Techn...
IDTAS3699A IDT-IDTAS3699A Datasheet
256Kb / 13P
   0.5廓 LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
   Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
   Low-Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com