Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8634 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8634
Description  Dual 300mA Pin-Programmable LDO Linear Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8634 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8634 Datasheet HTML 3Page - Maxim Integrated Products MAX8634 Datasheet HTML 4Page - Maxim Integrated Products MAX8634 Datasheet HTML 5Page - Maxim Integrated Products MAX8634 Datasheet HTML 6Page - Maxim Integrated Products MAX8634 Datasheet HTML 7Page - Maxim Integrated Products MAX8634 Datasheet HTML 8Page - Maxim Integrated Products MAX8634 Datasheet HTML 9Page - Maxim Integrated Products MAX8634 Datasheet HTML 10Page - Maxim Integrated Products MAX8634 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Dual 300mA Pin-Programmable LDO
Linear Regulators
_______________________________________________________________________________________
7
DELAY
OUTPUT-
VOLTAGE
CONTROL
ERROR
AMP
MOS
DRIVER
WITH ILIMIT
87%
REF
1.50V
REF
THERMAL
SENSOR
UVLO/
SHUTDOWN
AND POWER-ON
CONTROL
LD02
IN
OUT2
OUT1
RESET
(MAX8633 ONLY)
BP***
(MAX8634 ONLY)
GND
P1
P2
P
SHDN
SHDN1
SHDN2
IN
**
**
*
*MAX8633, MAX8636 ONLY
**MAX8634, MAX8635 ONLY
***MAX8634, MAX8636 ONLY
Functional Diagram


Similar Part No. - MAX8634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX863 MAXIM-MAX863 Datasheet
194Kb / 16P
   Dual, High-Efficiency, PFM, Step-Up DC-DC Controller
Rev 1; 6/97
MAX8630 MAXIM-MAX8630 Datasheet
248Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630W MAXIM-MAX8630W Datasheet
242Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630WETD15+T MAXIM-MAX8630WETD15+T Datasheet
248Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630XEVKIT MAXIM-MAX8630XEVKIT Datasheet
101Kb / 4P
   MAX8630X Evaluation Kit
Rev 0; 9/08
More results

Similar Description - MAX8634

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9293 GMT-G9293 Datasheet
74Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
G9092 GMT-G9092 Datasheet
42Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9294 GMT-G9294 Datasheet
50Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com