Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5475EKA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5475EKA
Description  32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5475EKA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5475EKA Datasheet HTML 1Page - Maxim Integrated Products MAX5475EKA Datasheet HTML 2Page - Maxim Integrated Products MAX5475EKA Datasheet HTML 3Page - Maxim Integrated Products MAX5475EKA Datasheet HTML 4Page - Maxim Integrated Products MAX5475EKA Datasheet HTML 5Page - Maxim Integrated Products MAX5475EKA Datasheet HTML 6Page - Maxim Integrated Products MAX5475EKA Datasheet HTML 7Page - Maxim Integrated Products MAX5475EKA Datasheet HTML 8Page - Maxim Integrated Products MAX5475EKA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX5471/MAX5472/MAX5474/MAX5475 linear-
taper digital potentiometers function as mechanical
potentiometers, but replace the mechanics with a sim-
ple 3-wire up/down digital interface. These digital
potentiometers feature nonvolatile memory (EEPROM)
to return the wiper to its previously stored position upon
power-up.
The MAX5471/MAX5472 are 2-terminal, variable resistors
in 6-pin SOT23 packages. The MAX5474/MAX5475 are
3-terminal potentiometers in 8-pin SOT23 packages.
The MAX5471/MAX5474 have an end-to-end resistance
of 50k
Ω, and the MAX5472/MAX5475 have an end-
to-end resistance of 100k
Ω. All of these devices have
32 wiper positions, a low ratiometric temperature coeffi-
cient (5ppm/°C), and all operate from a single +2.7V to
+5.25V supply. Each device is guaranteed over the
extended -40
°C to +85°C temperature range.
Applications
Mechanical Potentiometer Replacement
Liquid-Crystal-Display (LCD) Screen Adjustment
Audio Volume Control
Programmable Filters
Features
♦ Wiper Position Stored in Nonvolatile Memory and
Recalled Upon Power-Up
♦ Tiny SOT23 Package
♦ 35ppm/°C End-to-End Resistance Temperature
Coefficient
♦ 5ppm/°C Ratiometric Temperature Coefficient
♦ 32 Tap Positions
♦ Voltage-Divider or Variable-Resistor
Potentiometer Configuration
♦ 50kΩ and 100kΩ End-to-End Resistance Values
♦ 1µA (max) Static Supply Current
♦ 2.7V to 5.25V Single-Supply Operation
♦ 200,000 Wiper Store Cycles
♦ 50-Year Wiper Data Retention
32-Tap, Nonvolatile, Linear-Taper Digital
Potentiometers in SOT23
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3067; Rev 1; 2/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP
RANGE
PIN-PACKAGE
PKG
CODE
MAX5471EZT-T-40
°C to +85°C 6 Thin SOT23-6
Z6-1
MAX5472EZT-T-40
°C to +85°C 6 Thin SOT23-6
Z6-1
MAX5474EKA-T-40
°C to +85°C 8 SOT23-8
K8S-3
MAX5475EKA-T-40
°C to +85°C 8 SOT23-8
K8S-3
TOP VIEW
L
GND
H
INC
W
1
GND
SOT23-6
SOT23-8
2
3
6
5
4
CS
U/D
U/D
MAX5471
MAX5472
1
VDD
VDD
H
2
3
8
7
6
CS
MAX5474
MAX5475
4
5
INC
Pin Configurations
PART
END-TO-END
RESISTANCE (k
Ω)
TOP MARK
MAX5471EZT
50
ABQN
MAX5472EZT
100
ABQM
MAX5474EKA
50
AEIZ
MAX5475EKA
100
AEIY
Selector Guide


Similar Part No. - MAX5475EKA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5475EKA MAXIM-MAX5475EKA Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5475EKA-T MAXIM-MAX5475EKA-T Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
More results

Similar Description - MAX5475EKA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5432 MAXIM-MAX5432 Datasheet
371Kb / 17P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5391 MAXIM-MAX5391_10 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com