Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7469 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7469
Description  HDTV Continuously Variable Anti-Aliasing Filters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7469 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7469_07 Datasheet HTML 1Page - Maxim Integrated Products MAX7469_07 Datasheet HTML 2Page - Maxim Integrated Products MAX7469_07 Datasheet HTML 3Page - Maxim Integrated Products MAX7469_07 Datasheet HTML 4Page - Maxim Integrated Products MAX7469_07 Datasheet HTML 5Page - Maxim Integrated Products MAX7469_07 Datasheet HTML 6Page - Maxim Integrated Products MAX7469_07 Datasheet HTML 7Page - Maxim Integrated Products MAX7469_07 Datasheet HTML 8Page - Maxim Integrated Products MAX7469_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
HDTV Continuously Variable
Anti-Aliasing Filters
2
________________________________________________________________________________________
AVDD to GND............................................................-0.3V to +6V
DVDD to DGND.........................................................-0.3V to +4V
IN_, EXTSYNC to GND .................................................................
..................................-0.3V to the lower of (AVDD + 3V) and +6V
OUT_ to GND ...............................................................................
..................................-0.3V to the lower of (AVDD + 3V) and +6V
A_ to GND ....................................................................................
..................................-0.3V to the lower of (AVDD + 3V) and +6V
SCL, SDA to DGND ..................................................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
20-Pin TQFN (derate 33.3mW/°C above +70°C) ...2666.7mW
Maximum Current into IN_, A_, GND,
SCL, SDA, and EXTSYNC............................................±50mA
Operating Temperature Range...............................0°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = +5V ±5%, DVDD = 2.7V to 3.6V, RLOAD = 150Ω to GND, CIN = 0.1µF, TA = 0°C to +85°C, unless otherwise noted. Typical
values are at AVDD = 5V, DVDD = 3.3V, TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HD: f = 100kHz to 30MHz, relative to
100kHz (Note 1)
-3
-0.6
+1
Filter Passband Response
APB
SD: f = 100kHz to 5.75MHz, relative to
100kHz (Note 2)
±0.1
±1.0
dB
HD: f = 74MHz (Note 1)
40
57
Filter Stopband Attenuation
ASB
SD: f = 27MHz (Note 2)
52
63
dB
HD: 100kHz to 30MHz, relative to 100kHz
(Note 1)
20
Group Delay Deviation
ΔtG
SD: 100kHz to 5.75MHz, relative to 100kHz
(Note 2)
15
ns
HD: channel to channel, 100kHz to 2MHz,
(Note 1)
5
Group Delay Matching
tG(MATCH)
SD: channel to channel, 100kHz to 500kHz,
(Note 2)
1.5
ns
Bypass Frequency Response
-3dB, bypass mode, independent of filter
setting
100
MHz
SD Differential Gain
dG
Five-step modulated staircase (Note 2)
0.25
%
SD Differential Phase
d
φ
Five-step modulated staircase (Note 2)
0.25
Degrees
Signal-to-Noise Ratio
SNR
Output signal (2VP-P) to RMS noise (100kHz
to 30MHz), f = 30MHz
69
dB
SD Line-Time Distortion
HDIST
Deviations in a line with an 18µs, 100 IRE
bar; 1 line = 63.5µs (Note 2)
0.3
%
SD Field-Time Distortion
VDIST
Deviations in 130 lines with 18µs, 100 IRE
bars (Note 2)
0.3
%
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.


Similar Part No. - MAX7469_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7469UTP++ MAXIM-MAX7469UTP+ Datasheet
803Kb / 17P
   HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
More results

Similar Description - MAX7469_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469 Datasheet
803Kb / 17P
   HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
logo
KR Electronics, Inc.
2403 KR-2403 Datasheet
25Kb / 2P
   HDTV ANTI-ALIASING FILTER
2404 KR-2404 Datasheet
25Kb / 2P
   HDTV ANTI-ALIASING FILTER
2405 KR-2405 Datasheet
24Kb / 2P
   HDTV ANTI-ALIASING FILTER
logo
Minilogic Device Corpor...
MAX7472 MINILOGIC-MAX7472 Datasheet
277Kb / 19P
   HDTV Anti-Aliasing Filters with Triple-Input Mux
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
   Anti-aliasing and reconstruction filters
logo
Frequency Devices, Inc.
D92 FREQUENCYDEVICES-D92 Datasheet
206Kb / 5P
   2 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D94 FREQUENCYDEVICES-D94 Datasheet
201Kb / 5P
   4 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D98 FREQUENCYDEVICES-D98 Datasheet
202Kb / 5P
   8 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
logo
Faraday Technology
FL1311 FARADAY-FL1311 Datasheet
13Kb / 2P
   ANTI-ALIASING PRE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com